| データシートサーチシステム |
|
M38045F2HKP データシート(PDF) 235 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38045F2HKP データシート(HTML) 235 Page - Renesas Technology Corp |
|
235 / 387 page ![]() 2-111 APPLICATION 2.5 Multi-master I2C-BUS interface Rev.1.00 Jan 14, 2004 REJ09B0212-0100Z 3804 Group (Spec.H) ➃ Transmission of lower data Before transmitting the upper data, restart to transmit the data at ➃ and confirm correct completion of transmission of the lower data set in the slave address reception interrupt. After that, transmit the upper data. Fig. 2.5.32 Transmission process of lower data End S0 (address 001116) ←Upper data Error end 0 (ACK) LRB (address 001316), bit 0 ? 1(NACK) PIN (address 001316), bit 4 ? 1 (STOP condition) 0 (lower data transmission completed) 4 S1 (address 001316) ← 000100002 • Judgment of bus hold • ACK confirmation • Slave receive mode set • Output upper data write to I2C data shift register |