データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M38048F3HKP データシート(PDF) 337 Page - Renesas Technology Corp

部品番号 M38048F3HKP
部品情報  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  387 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048F3HKP データシート(HTML) 337 Page - Renesas Technology Corp

Back Button M38048F3HKP Datasheet HTML 333Page - Renesas Technology Corp M38048F3HKP Datasheet HTML 334Page - Renesas Technology Corp M38048F3HKP Datasheet HTML 335Page - Renesas Technology Corp M38048F3HKP Datasheet HTML 336Page - Renesas Technology Corp M38048F3HKP Datasheet HTML 337Page - Renesas Technology Corp M38048F3HKP Datasheet HTML 338Page - Renesas Technology Corp M38048F3HKP Datasheet HTML 339Page - Renesas Technology Corp M38048F3HKP Datasheet HTML 340Page - Renesas Technology Corp M38048F3HKP Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 387 page
background image
3-47
REJ09B0212-0100Z
Rev.1.00
Jan 14, 2005
3804 Group (Spec.H)
APPENDIX
3.4 Countermeasures against noise
3.4.4 Oscillator concerns
Take care to prevent an oscillator that generates clocks for a microcomputer operation from being affected
by other signals.
(1)
Keeping oscillator away from large current signal lines
Install a microcomputer (and especially an oscillator) as far as possible from signal lines where a
current larger than the tolerance of current value flows.
q Reason
In the system using a microcomputer, there are signal lines for controlling motors, LEDs, and
thermal heads or others. When a large current flows through those signal lines, strong noise
occurs because of mutual inductance.
Fig. 3.4.6 Wiring for a large current signal line
(2)
Installing oscillator away from signal lines where potential levels change frequently
Install an oscillator and a connecting pattern of an oscillator away from signal lines where potential
levels change frequently. Also, do not cross such signal lines over the clock lines or the signal lines
which are sensitive to noise.
q Reason
Signal lines where potential levels change frequently (such as the CNTR pin signal line) may affect
other lines at signal rising edge or falling edge. If such lines cross over a clock line, clock waveforms
may be deformed, which causes a microcomputer failure or a program runaway.
XIN
XOUT
VSS
M
Microcomputer
Mutual inductance
Large
current
GND
Fig. 3.4.7 Wiring of signal lines where potential levels change frequently
XIN
XOUT
VSS
CNTR
Do not cross
N.G.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More