| データシートサーチシステム |
|
M38041F5HKP データシート(PDF) 152 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38041F5HKP データシート(HTML) 152 Page - Renesas Technology Corp |
|
152 / 387 page ![]() 2-28 APPLICATION 2.3 Timer Rev.1.00 Jan 14, 2005 REJ09B0212-0100Z 3804 Group (Spec.H) Fig. 2.3.9 Structure of Timer Y, Z count source selection register Timer Y, Z count source selection register b7 b6 b5 b4 b3 b2 b1 b0 Timer Y, Z count source selection register (TYZCSS: address 000F16) b3b2b1b0 0 0 0 0: f(XIN)/2 or f(XCIN)/2 0 0 0 1: f(XIN)/4 or f(XCIN)/4 0 0 1 0: f(XIN)/8 or f(XCIN)/8 0 0 1 1: f(XIN)/16 or f(XCIN)/16 0 1 0 0: f(XIN)/32 or f(XCIN)/32 0 1 0 1: f(XIN)/64 or f(XCIN)/64 0 1 1 0: f(XIN)/128 or f(XCIN)/128 0 1 1 1: f(XIN)/256 or f(XCIN)/256 1 0 0 0: f(XIN)/512 or f(XCIN)/512 1 0 0 1: f(XIN)/1024 or f(XCIN)/1024 1 0 1 0: f(XCIN) 1011 to 1111: Not available b 0 1 2 3 4 5 6 7 Name 1 Functions At reset R W 1 0 0 1 1 0 0 Timer Y count source selection bits b7b6b5b4 0 0 0 0: f(XIN)/2 or f(XCIN)/2 0 0 0 1: f(XIN)/4 or f(XCIN)/4 0 0 1 0: f(XIN)/8 or f(XCIN)/8 0 0 1 1: f(XIN)/16 or f(XCIN)/16 0 1 0 0: f(XIN)/32 or f(XCIN)/32 0 1 0 1: f(XIN)/64 or f(XCIN)/64 0 1 1 0: f(XIN)/128 or f(XCIN)/128 0 1 1 1: f(XIN)/256 or f(XCIN)/256 1 0 0 0: f(XIN)/512 or f(XCIN)/512 1 0 0 1: f(XIN)/1024 or f(XCIN)/1024 1 0 1 0: f(XCIN) 1011 to 1111: Not available Timer Z count source selection bits Fig. 2.3.8 Structure of Timer 12, X count source selection register Timer 12, X count source selection register b7 b6 b5 b4 b3 b2 b1 b0 Timer 12, X count source selection register (T12XCSS: address 000E16) b3b2b1b0 0 0 0 0: f(XIN)/2 or f(XCIN)/2 0 0 0 1: f(XIN)/4 or f(XCIN)/4 0 0 1 0: f(XIN)/8 or f(XCIN)/8 0 0 1 1: f(XIN)/16 or f(XCIN)/16 0 1 0 0: f(XIN)/32 or f(XCIN)/32 0 1 0 1: f(XIN)/64 or f(XCIN)/64 0 1 1 0: f(XIN)/128 or f(XCIN)/128 0 1 1 1: f(XIN)/256 or f(XCIN)/256 1 0 0 0: f(XIN)/512 or f(XCIN)/512 1 0 0 1: f(XIN)/1024 or f(XCIN)/1024 1010 to 1111: Not available b 0 1 2 3 4 5 6 7 Name 1 Functions At reset R W 1 0 0 1 1 0 0 Timer 12 count source selection bits b7b6b5b4 0 0 0 0: f(XIN)/2 or f(XCIN)/2 0 0 0 1: f(XIN)/4 or f(XCIN)/4 0 0 1 0: f(XIN)/8 or f(XCIN)/8 0 0 1 1: f(XIN)/16 or f(XCIN)/16 0 1 0 0: f(XIN)/32 or f(XCIN)/32 0 1 0 1: f(XIN)/64 or f(XCIN)/64 0 1 1 0: f(XIN)/128 or f(XCIN)/128 0 1 1 1: f(XIN)/256 or f(XCIN)/256 1 0 0 0: f(XIN)/512 or f(XCIN)/512 1 0 0 1: f(XIN)/1024 or f(XCIN)/1024 1 0 1 0: f(XCIN) 1011 to 1111: Not available Timer X count source selection bits |