| データシートサーチシステム |
|
M38046F9HKP データシート(PDF) 182 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38046F9HKP データシート(HTML) 182 Page - Renesas Technology Corp |
|
182 / 387 page ![]() 2-58 APPLICATION 2.4 Serial interface Rev.1.00 Jan 14, 2005 REJ09B0212-0100Z 3804 Group (Spec.H) 2.4.4 Setting of serial I/O transfer data format A clock synchronous or clock asynchronous (UART) can be selected as a data format of serial I/O1 and serial I/O3. Serial I/O2 operates in a clock synchronous. Figure 2.4.18 shows the serial I/O transfer data format. Fig. 2.4.18 Serial I/O transfer data format 1ST-8DATA-1SP ST LSB UART 1ST-7DATA-1SP ST LSB 1ST-8DATA-1PAR-1SP ST LSB 1ST-7DATA-1PAR-1SP ST LSB 1ST-8DATA-2SP ST LSB 1ST-7DATA-2SP ST LSB 1ST-8DATA-1PAR-2SP ST LSB 1ST-7DATA-1PAR-2SP ST LSB MSB SP MSB SP MSB PAR SP MSB PAR SP MSB 2SP MSB 2SP MSB PAR 2SP MSB PAR 2SP Serial I/O2 Serial I/O1 Serial I/O3 Clock synchronous Serial I/O LSB first ST : Start bit SP : Stop bit PAR : Parity bit LSB first MSB first Clock synchronous Serial I/O |