| データシートサーチシステム |
|
M38048F9HKP データシート(PDF) 268 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38048F9HKP データシート(HTML) 268 Page - Renesas Technology Corp |
|
268 / 387 page ![]() 2-144 APPLICATION 2.10 Reset Rev.1.00 Jan 14, 2005 REJ09B0212-0100Z 3804 Group (Spec.H) 2.10.2 Notes on RESET pin Connecting capacitor In case where the RESET signal rise time is long, connect a ceramic capacitor or others across the RESET pin and the VSS pin. Use a 1000 pF or more capacitor for high frequency use. When connecting the capacitor, note the following : • Make the length of the wiring which is connected to a capacitor as short as possible. • Be sure to verify the operation of application products on the user side. q Reason If the several nanosecond or several ten nanosecond impulse noise enters the RESET pin, it may cause a microcomputer failure. |