データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VTSR-AA データシート(PDF) 3 Page - Vishay Siliconix

部品番号 VTSR-AA
部品情報  25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VTSR-AA データシート(HTML) 3 Page - Vishay Siliconix

  VTSR-AA Datasheet HTML 1Page - Vishay Siliconix VTSR-AA Datasheet HTML 2Page - Vishay Siliconix VTSR-AA Datasheet HTML 3Page - Vishay Siliconix VTSR-AA Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VTSRC, VSSRC, VSORC-AA
Vishay Thin Film
25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60083
114
Revision: 01-Jul-08
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: VTSRC20AA330470TF (preferred part number format)
GLOBAL MODEL
NUMBER OF LEADS/
SCHEMATICS
RESISTANCE AND TOLERANCE/
CAPACITANCE AND TOLERANCE
PACKAGING
VTSRC
VSSRC
VSORC
20AA
xxxyyy
First 2 digits are significant figures.
Last digit specifies number of
zeroes to follow.
K = 10 % Capacitor Tol. fixed
M = 20 % Resistance Tol. fixed
UF = TUBED
TAPE AND REEL
TF = Full Reels
Historical Part Number example: VTSRC20AA330K470MT/R (will continue to be accepted)
VTSRC
20
AA
330K
470M
T/R
MODEL
NUMBER
OF LEADS
SCHEMATIC
RESISTANCE
TOLERANCE
PACKAGING
SR
C
2
A
A
3
0
VT
04
7
3
0T
F


同様の部品番号 - VTSR-AA

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VTSR VISHAY-VTSR Datasheet
132Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 11-Jun-07
VTSR VISHAY-VTSR Datasheet
131Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 14-Nov-08
VTSR1601 VISHAY-VTSR1601 Datasheet
131Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 14-Nov-08
VTSR1601103FT0 VISHAY-VTSR1601103FT0 Datasheet
132Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 11-Jun-07
VTSR1601103FT1 VISHAY-VTSR1601103FT1 Datasheet
132Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 11-Jun-07
More results

同様の説明 - VTSR-AA

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VTSRC VISHAY-VTSRC Datasheet
136Kb / 2P
25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
Revision 06-Aug-02
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
VTSR VISHAY-VTSR Datasheet
132Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 11-Jun-07
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 16-Jun-08
VSSRC1284 VISHAY-VSSRC1284 Datasheet
107Kb / 4P
25 Mil Pitch Resistor/Capacitor Networks
Revision: 01-Jul-08
VTSRC-AB VISHAY-VTSRC-AB Datasheet
118Kb / 4P
25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
VTSRC-AC VISHAY-VTSRC-AC Datasheet
117Kb / 4P
25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
VTSRC-AD VISHAY-VTSRC-AD Datasheet
120Kb / 4P
25 or 50 Mil Pitch, T-Filter Resistor/Capacitor Networks
Revision: 01-Jul-08
VSSR VISHAY-VSSR Datasheet
131Kb / 4P
Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 14-Nov-08
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com