データシートサーチシステム |
|
HCE471 データシート(PDF) 5 Page - Vishay Siliconix |
|
|
HCE471 データシート(HTML) 5 Page - Vishay Siliconix |
5 / 8 page www.vishay.com For technical questions, contact powcap@vishay.com Document Number: 22161 34 Revision: 31-Jan-06 H.. Vishay Draloric Ceramic High Voltage Disc Capacitors, Class 2 * Standard lead configuration, other lead spacing and diameter available on request. ** ± 10 % available on request. * Standard lead configuration, other lead spacing and diameter available on request. ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 4 KV (DC) C (pF) TOL. (%) D x s (mm) F ± 1 * (mm) d ± 0.05 * (mm) V ± 0.5 * (mm) CERAMIC CODE ORDERING CODE CLASS 2 K 6000 33 ± 20 % (± 10 %)** 8.0 x 4.5 12.5 0.6 1.9 E HDE330 BD KR 47 8.0 x 5.0 2.3 HDE470 BD KR 68 8.0 x 5.0 HDE680 BD KR 100 8.0 x 5.0 HDE101 BD KR 150 8.0 x 5.0 HDE151 BD KR 220 8.0 x 5.0 HDE221 BD KR 330 8.0 x 5.0 2.5 HDE331 BD KR 470 8.0 x 5.0 HDE471 BD KR 680 9.0 x 5.0 HDE681 BD KR 1000 10.0 x 5.0 0.8 2.7 HDE102 BD KR 1500 12.0 x 5.0 HDE152 BD KR 2200 13.0 x 5.0 HDE222 BD KR 3300 15.0 x 5.0 HDE332 BD KR 4700 18.0 x 5.0 HDE472 BD KR ORDERING INFORMATION, CERAMIC HIGH VOLTAGE DISC CAPACITORS, 5 KV (DC) C (pF) TOL. (%) D x s (mm) F ± 1 * (mm) d ± 0.05 * (mm) V ± 0.5 * (mm) CERAMIC CODE ORDERING CODE CLASS 2 K 6000 220 ± 20 % 7.0 x 5.0 12.5 0.6 3.8 E HEE221 BE KR 330 9.0 x 5.0 0.8 HEE331 BE KR 680 9.0 x 5.0 HEE681 BE KR 1000 11.0 x 5.0 HEE102 BE KR 1500 13.0 x 5.0 HEE152 BE KR 2200 15.0 x 5.0 HEE222 BE KR ORDERING CODE 7th digit Capacitance tolerance ± 10 % = K ± 20 % = M 10th to 12th digit Lead configuration (See General Information) R 14th digit RoHS Compliant Component |
同様の部品番号 - HCE471 |
|
同様の説明 - HCE471 |
|
|
リンク URL |