| データシートサーチシステム |
|
ADE8052Z-DWDL1 データシート(PDF) 110 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE8052Z-DWDL1 データシート(HTML) 110 Page - Analog Devices |
|
110 / 148 page ![]() ADE5166/ADE5169 Rev. 0 | Page 110 of 148 In either case, if Timer 2 is used to generate the baud rate, the TF2 interrupt flag does not occur. Therefore, Timer 2 interrupts do not occur and do not have to be disabled. In this mode, the EXF2 flag can, however, still cause interrupts that can be used as a third external interrupt. Baud rate generation is described as part of the UART serial port operation in the UART Serial Interface section. TR2 CONTROL TL2 (8 BITS) TH2 (8 BITS) RELOAD TF2 EXF2 TIMER INTERRUPT EXEN2 CONTROL TRANSITION DETECTOR RCAP2L RCAP2H C/ T2 = 0 P1.4/T2 P1.3/ T2EX C/ T2 = 1 fCORE Figure 96. Timer/Counter 2, 16-Bit Autoreload Mode TF2 P1.4/T2 P1.3/ T2EX TR2 CONTROL TL2 (8 BITS) TH2 (8 BITS) CAPTURE EXF2 TIMER INTERRUPT EXEN2 CONTROL TRANSITION DETECTOR RCAP2L RCAP2H C/ T2 = 1 C/ T2 = 0 fCORE Figure 97. Timer/Counter 2, 16-Bit Capture Mode |