| データシートサーチシステム |
|
AT83R5122XXX-RDRUM データシート(PDF) 131 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT83R5122XXX-RDRUM データシート(HTML) 131 Page - ATMEL Corporation |
|
131 / 208 page ![]() 131 AT83R5122, AT8xC5122/23 4202F–SCR–07/2008 Baud Rate Selection (Modes 1 and 3) In modes 1 and 3, the Baud Rate is derived either from the Timer 1 or the Internal Baud Rate Generator and allows different baud rate in reception and transmission. As shown in Figure 78 the selection is done using RBCK and TBCK bits in BDRCON register. Figure 79 gives the baud rate calculation formulas for each baud rate source while Table 76 details Internal Baud Rate Generator configuration for different peripheral clock frequencies and giving baud rates closer to the standard baud rates. Figure 78. Baud Rate Source Selection (Modes 1 and 3) Figure 79. Baud Rate Formulas (Modes 1 and 3) 0 1 RBCK BDRCON.2 T1 CLOCK To serial IBRG CLOCK reception Port 0 1 TBCK BDRCON.3 T1 CLOCK To serial IBRG CLOCK transmission Port / 16 / 16 Baud_Rate = 6 (1-SPD) ⋅ 32 ⋅ (256 -BRL) 2 SMOD1 ⋅ F CK_SI BRL = 256 - 6(1-SPD) ⋅ 32 ⋅ Baud_Rate 2SMOD1 ⋅ F CK_SI Baud_Rate = 192 ⋅ (256 -TH1) 2SMOD1 ⋅ F CK_T1 TH1 = 256 - 192 ⋅ Baud_Rate 2 SMOD1 ⋅ F CK_T1 a. IBRG Formula b. T1 Formula |