| データシートサーチシステム |
|
AT85C5122D-RDRUM データシート(PDF) 123 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT85C5122D-RDRUM データシート(HTML) 123 Page - ATMEL Corporation |
|
123 / 208 page ![]() 123 AT83R5122, AT8xC5122/23 4202F–SCR–07/2008 Reset Value = 0000 0000b Table 75. USB Endpoint Interrupt Enable Register - UEPIEN (S:C2h) 7 654 3210 - EP6INTE EP5INTE EP4INTE EP3INTE EP2INTE EP1INTE EP0INTE Bit Number Bit Mnemonic Description 7- Reserved The value read from these bits is always 0. Do not change this bit. 6EP6INTE Endpoint 6 Interrupt Enable Set this bit to enable the interrupts for this endpoint. Clear this bit to disable the interrupts for this endpoint. 5EP5INTE Endpoint 5 Interrupt Enable Set this bit to enable the interrupts for this endpoint. Clear this bit to disable the interrupts for this endpoint. 4EP4INTE Endpoint 4 Interrupt Enable Set this bit to enable the interrupts for this endpoint. Clear this bit to disable the interrupts for this endpoint. 3EP3INTE Endpoint 3 Interrupt Enable Set this bit to enable the interrupts for this endpoint. Clear this bit to disable the interrupts for this endpoint. 2EP2INTE Endpoint 2 Interrupt Enable Set this bit to enable the interrupts for this endpoint. Clear this bit to disable the interrupts for this endpoint. 1EP1INTE Endpoint 1 Interrupt Enable Set this bit to enable the interrupts for this endpoint. Clear this bit to disable the interrupts for this endpoint. 0EP0INTE Endpoint 0 Interrupt Enable Set this bit to enable the interrupts for this endpoint. Clear this bit to disable the interrupts for this endpoint. |