データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT89C5131A-RDTUM データシート(PDF) 187 Page - ATMEL Corporation

部品番号 AT89C5131A-RDTUM
部品情報  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM データシート(HTML) 187 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 180Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 181Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 182Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 183Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 184Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 185Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 186Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 187Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 188Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 187 / 188 page
background image
iv
4337K–USB–04/08
AT89C5130A/31A-M
27
Electrical Characteristics .................................................................... 161
27.1
Absolute Maximum Ratings ..........................................................................161
27.2
DC Parameters ..............................................................................................161
27.3
USB DC Parameters .....................................................................................163
27.4
AC Parameters ..............................................................................................164
27.5
USB AC Parameters ......................................................................................173
27.6
SPI Interface AC Parameters ........................................................................173
28
Ordering Information ........................................................................... 177
29
Packaging Information ........................................................................ 178
29.1
64-lead VQFP ................................................................................................178
29.2
52-lead PLCC ................................................................................................180
29.3
32-lead QFN ..................................................................................................181
30
Datasheet Revision History ................................................................. 183
30.1
Changes from 4337F to 4337G .....................................................................183
30.2
Changes from 4337G to 4337H .....................................................................183
30.3
Changes from 4337H to 4337I ......................................................................183
30.4
Changes from 4337I to 4337J .......................................................................183
30.5
Changes from 4337J to 4337K ......................................................................183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More