データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MT-GD2 データシート(PDF) 4 Page - Allen-Bradley

部品番号 MT-GD2
部品情報  Tongue Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEN-BRADLEY [Allen-Bradley]
ホームページ  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

MT-GD2 データシート(HTML) 4 Page - Allen-Bradley

  MT-GD2 Datasheet HTML 1Page - Allen-Bradley MT-GD2 Datasheet HTML 2Page - Allen-Bradley MT-GD2 Datasheet HTML 3Page - Allen-Bradley MT-GD2 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Interlock Switches
3-23
Tongue Switches
MT-GD2
Approximate Dimensions—mm (inches)
Dimensions are not intended to be used for installation purposes.
Typical Wiring Diagrams (shown with guard closed, actuator inserted)
Contact Action
Connector Pinout
4 N.C.
3 N.C. + 1 N.O.
2 N.C. + 2 N.O.
Terminal
Contact
Terminal
Contact
Terminal
Contact
111
N.C.
11
N.C.
11
N.C.
3
121212
421
N.C.
21
N.C.
21
N.C.
6
222222
731
N.C.
31
N.C.
33
N.O.
8
323234
941
N.C.
43
N.O.
43
N.O.
10
42
44
44
12
Ground
4 x Fixing Holes
Clearance for M5
5
(0.20)
11.5
(0.45)
10.5
(0.41)
8.75 (0.34)
Front Entry
116.5 (4.59)
30.8
(1.21)
30.8
(1.21)
End Entry
9.2 (0.36)
5 (0.20)
8.75 (0.34)
20.5
(0.81)
60 (2.36)
10.5
(0.41)
60 (2.36)
102.4 (4.03)
119 (4.68)
118.5 (4.66)
22 (0.86) Dia.
5
(0.20)
9.2
(0.36)
20.6
(0.81)
24.6
(0.97)
MT-GD2
MT-GD2 Latch Release
41
42
31
32
21
22
11
12
41
42
31
32
21
22
11
12
41
42
31
32
21
22
11
12
4 N.C.
2 N.C. + 2 N.O.
3 N.C. + 1 N.O.
7
8
4
5
2
10
1
12
3
6
11
9
Contact Open
Contact Closed
Actuator withdrawal distance
from full insertion
20
15
10
5
0mm
11/12
21/22
31/32
41/42
5.2
20
15
10
5.6
0mm
11/12
21/22
31/32
43/44
5.2
20
15
10
5.2
0mm
11/12
21/22
31/32
43/44
5.6
20
15
10
5.6
0mm
11/12
21/22
33/34
43/44
5.2
20
15
10
5.2
0mm
11/12
21/22
33/34
43/44
5.6
4 N.C.
3 N.C. + 1 N.O. (MBB)
2 N.C. + 1 N.O. (MBB)
3 N.C. + 1 N.O. (BBM)
2 N.C. + 1 N.O. (BBM)


同様の部品番号 - MT-GD2

メーカー部品番号データシート部品情報
logo
Cree, Inc
MT-G CREE-MT-G Datasheet
1Mb / 18P
   XLamp EasyWhite LEDs
logo
Marktech Corporate
MT-G2 MARKTECH-MT-G2 Datasheet
87Kb / 2P
   Cree MT-G2 Series on Board
logo
Cree, Inc
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
   XLamp EasyWhite LEDs
logo
Marktech Corporate
MT-G2 MARKTECH-MT-G2_15 Datasheet
87Kb / 2P
   Cree EasyWhite color temp from 2700K to 5000K
More results

同様の説明 - MT-GD2

メーカー部品番号データシート部品情報
logo
Allen-Bradley
440K-C21096 ALLEN-BRADLEY-440K-C21096 Datasheet
88Kb / 4P
   Tongue Switches
440K-T11090 ALLEN-BRADLEY-440K-T11090 Datasheet
128Kb / 6P
   Tongue Switches
440K-E33036 ALLEN-BRADLEY-440K-E33036 Datasheet
507Kb / 4P
   Tongue Switches
T15 ALLEN-BRADLEY-T15 Datasheet
135Kb / 4P
   Tongue Switches
logo
Molex Electronics Ltd.
0638854600 MOLEX11-0638854600 Datasheet
64Kb / 1P
   Mini-Mac Applicator for Ring Tongue, Rectangle Tongue, Spade Tongue, Hook Tongue,
logo
Allen-Bradley
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
logo
Tyco Electronics
62638-1 MACOM-62638-1 Datasheet
52Kb / 1P
   RING TONGUE
165012 MACOM-165012 Datasheet
48Kb / 1P
   RECTANGULAR TONGUE SLOTTED
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
   RING TONGUE TERMINAL
logo
Tyco Electronics
130090 MACOM-130090 Datasheet
66Kb / 1P
   TERMINAL, RING TONGUE, P.I.D.G
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com