データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AX2000-1CS896I データシート(PDF) 220 Page - Actel Corporation

部品番号 AX2000-1CS896I
部品情報  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTEL [Actel Corporation]
ホームページ  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CS896I データシート(HTML) 220 Page - Actel Corporation

Back Button AX2000-1CS896I Datasheet HTML 216Page - Actel Corporation AX2000-1CS896I Datasheet HTML 217Page - Actel Corporation AX2000-1CS896I Datasheet HTML 218Page - Actel Corporation AX2000-1CS896I Datasheet HTML 219Page - Actel Corporation AX2000-1CS896I Datasheet HTML 220Page - Actel Corporation AX2000-1CS896I Datasheet HTML 221Page - Actel Corporation AX2000-1CS896I Datasheet HTML 222Page - Actel Corporation AX2000-1CS896I Datasheet HTML 223Page - Actel Corporation AX2000-1CS896I Datasheet HTML 224Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 226 page
background image
Axcelerator Family FPGAs
3- 114
v2.7
VCCDA
AA20
VCCDA
AA7
VCCDA
AB13
VCCDA
AC11
VCCDA
AD11
VCCDA
AD4
VCCDA
AE12
VCCDA
AE17
VCCDA
B15
VCCDA
C15
VCCDA
C6
VCCDA
D13
VCCDA
E13
VCCDA
E19
VCCDA
F21
VCCDA
G10
VCCDA
G5
VCCDA
N21
VCCDA
N5
VCCDA
W21
VCCIB0
A3
VCCIB0
B3
VCCIB0
C4
VCCIB0
D5
VCCIB0
J10
VCCIB0
J11
VCCIB0
K12
VCCIB1
A23
VCCIB1
B23
VCCIB1
C22
VCCIB1
D21
VCCIB1
J15
VCCIB1
J16
VCCIB1
K14
VCCIB2
C24
VCCIB2
C25
624-Pin CCGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
VCCIB2
D23
VCCIB2
E22
VCCIB2
K17
VCCIB2
L17
VCCIB2
M16
VCCIB3
AA22
VCCIB3
AB23
VCCIB3
AC24
VCCIB3
AC25
VCCIB3
P16
VCCIB3
R17
VCCIB3
T17
VCCIB4
AB21
VCCIB4
AC22
VCCIB4
AD23
VCCIB4
AE23
VCCIB4
T14
VCCIB4
U15
VCCIB4
U16
VCCIB5
AB5
VCCIB5
AC4
VCCIB5
AD3
VCCIB5
AE3
VCCIB5
T12
VCCIB5
U10
VCCIB5
U11
VCCIB6
AA4
VCCIB6
AB3
VCCIB6
AC1
VCCIB6
AC2
VCCIB6
P10
VCCIB6
R9
VCCIB6
T9
VCCIB7
C1
VCCIB7
C2
VCCIB7
D3
624-Pin CCGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
VCCIB7
E4
VCCIB7
K9
VCCIB7
L9
VCCIB7
M10
VCCPLA
E12
VCCPLB
J12
VCCPLC
E14
VCCPLD
H14
VCCPLE
Y14
VCCPLF
U14
VCCPLG
Y12
VCCPLH
U12
VCOMPLA
F12
VCOMPLB
H12
VCOMPLC
F14
VCOMPLD
J14
VCOMPLE
AA14
VCOMPLF
V14
VCOMPLG
AA12
VCOMPLH
V12
VPUMP
E20
624-Pin CCGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More