| データシートサーチシステム |
|
AX2000-1CS896M データシート(PDF) 220 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896M データシート(HTML) 220 Page - Actel Corporation |
|
220 / 226 page ![]() Axcelerator Family FPGAs 3- 114 v2.7 VCCDA AA20 VCCDA AA7 VCCDA AB13 VCCDA AC11 VCCDA AD11 VCCDA AD4 VCCDA AE12 VCCDA AE17 VCCDA B15 VCCDA C15 VCCDA C6 VCCDA D13 VCCDA E13 VCCDA E19 VCCDA F21 VCCDA G10 VCCDA G5 VCCDA N21 VCCDA N5 VCCDA W21 VCCIB0 A3 VCCIB0 B3 VCCIB0 C4 VCCIB0 D5 VCCIB0 J10 VCCIB0 J11 VCCIB0 K12 VCCIB1 A23 VCCIB1 B23 VCCIB1 C22 VCCIB1 D21 VCCIB1 J15 VCCIB1 J16 VCCIB1 K14 VCCIB2 C24 VCCIB2 C25 624-Pin CCGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. VCCIB2 D23 VCCIB2 E22 VCCIB2 K17 VCCIB2 L17 VCCIB2 M16 VCCIB3 AA22 VCCIB3 AB23 VCCIB3 AC24 VCCIB3 AC25 VCCIB3 P16 VCCIB3 R17 VCCIB3 T17 VCCIB4 AB21 VCCIB4 AC22 VCCIB4 AD23 VCCIB4 AE23 VCCIB4 T14 VCCIB4 U15 VCCIB4 U16 VCCIB5 AB5 VCCIB5 AC4 VCCIB5 AD3 VCCIB5 AE3 VCCIB5 T12 VCCIB5 U10 VCCIB5 U11 VCCIB6 AA4 VCCIB6 AB3 VCCIB6 AC1 VCCIB6 AC2 VCCIB6 P10 VCCIB6 R9 VCCIB6 T9 VCCIB7 C1 VCCIB7 C2 VCCIB7 D3 624-Pin CCGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. VCCIB7 E4 VCCIB7 K9 VCCIB7 L9 VCCIB7 M10 VCCPLA E12 VCCPLB J12 VCCPLC E14 VCCPLD H14 VCCPLE Y14 VCCPLF U14 VCCPLG Y12 VCCPLH U12 VCOMPLA F12 VCOMPLB H12 VCOMPLC F14 VCOMPLD J14 VCOMPLE AA14 VCOMPLF V14 VCOMPLG AA12 VCOMPLH V12 VPUMP E20 624-Pin CCGA AX2000 Function Pin Number * Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |