| データシートサーチシステム |
|
AX2000-1CS896B データシート(PDF) 206 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896B データシート(HTML) 206 Page - Actel Corporation |
|
206 / 226 page ![]() Axcelerator Family FPGAs 3- 100 v2.7 IO213PB4F19/CLKFP 137 Bank 5 IO214NB5F20/CLKGN 128 IO214PB5F20/CLKGP 129 IO215NB5F20/CLKHN 122 IO215PB5F20/CLKHP 123 IO217NB5F20 118 IO217PB5F20 119 IO236NB5F22 110 IO236PB5F22 111 IO237NB5F22 112 IO237PB5F22 113 IO238NB5F22 104 IO238PB5F22 105 IO239NB5F22 106 IO239PB5F22 107 IO240NB5F22 100 IO240PB5F22 101 IO242NB5F22 94 IO242PB5F22 95 IO243NB5F22 98 IO243PB5F22 99 IO244NB5F22 92 IO244PB5F22 93 Bank 6 IO257PB6F24 86 IO258NB6F24 84 IO258PB6F24 85 IO261NB6F24 82 IO261PB6F24 83 IO262NB6F24 78 IO262PB6F24 79 IO265NB6F24 76 IO265PB6F24 77 IO279NB6F26 72 IO279PB6F26 73 IO280NB6F26 70 IO280PB6F26 71 IO281NB6F26 66 IO281PB6F26 67 IO282NB6F26 64 352-Pin CQFP AX2000 Function Pin Number IO282PB6F26 65 IO284NB6F26 60 IO284PB6F26 61 IO285NB6F26 58 IO285PB6F26 59 IO286NB6F26 54 IO286PB6F26 55 IO287NB6F26 52 IO287PB6F26 53 IO294NB6F27 48 IO294PB6F27 49 IO296NB6F27 46 IO296PB6F27 47 Bank 7 IO300NB7F28 42 IO300PB7F28 43 IO303NB7F28 40 IO303PB7F28 41 IO310NB7F29 34 IO310PB7F29 35 IO311NB7F29 36 IO311PB7F29 37 IO312NB7F29 28 IO312PB7F29 29 IO315NB7F29 30 IO315PB7F29 31 IO316NB7F29 22 IO316PB7F29 23 IO317NB7F29 24 IO317PB7F29 25 IO318NB7F29 18 IO318PB7F29 19 IO320NB7F29 16 IO320PB7F29 17 IO334NB7F31 10 IO334PB7F31 11 IO335NB7F31 12 IO335PB7F31 13 IO338NB7F31 6 IO338PB7F31 7 IO341NB7F31 4 352-Pin CQFP AX2000 Function Pin Number IO341PB7F31 5 Dedicated I/O GND 1 GND 9 GND 15 GND 21 GND 27 GND 33 GND 39 GND 45 GND 51 GND 57 GND 63 GND 69 GND 75 GND 81 GND 88 GND 89 GND 97 GND 103 GND 109 GND 115 GND 121 GND 133 GND 145 GND 151 GND 157 GND 163 GND 169 GND 176 GND 177 GND 186 GND 192 GND 198 GND 204 GND 210 GND 216 GND 222 GND 228 GND 234 GND 240 352-Pin CQFP AX2000 Function Pin Number |