| データシートサーチシステム |
|
AX2000-1CS896B データシート(PDF) 225 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000-1CS896B データシート(HTML) 225 Page - Actel Corporation |
|
225 / 226 page ![]() Datasheet Categories In order to provide the latest information to designers, some datasheets are published before data has been fully characterized. Datasheets are designated as “Product Brief,” “Advanced,” “Production,” and “Web-only.” The definition of these categories are as follows: Product Brief The product brief is a summarized version of a advanced datasheet (advanced or production) containing general product information. This brief gives an overview of specific device and family information. Advanced This datasheet version contains initial estimated information based on simulation, other products, devices, or speed grades. This information can be used as estimates, but not for production. Datasheet Supplement The datasheet supplement gives specific device information for a derivative family that differs from the general family datasheet. The supplement is to be used in conjunction with the datasheet to obtain more detailed information and for specifications that do not differ between the two families. Unmarked (production) This datasheet version contains information that is considered to be final. Export Administration Regulations (EAR) The products described in this datasheet are subject to the Export Administration Regulations (EAR). They could require an approved export license prior to export from the United States. An export includes release of product or disclosure of technology to a foreign national inside or outside the United States. |