データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCI4450 データシート(PDF) 101 Page - Texas Instruments

部品番号 PCI4450
部品情報  PC Card and OHCI Controller
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

PCI4450 データシート(HTML) 101 Page - Texas Instruments

Back Button PCI4450 Datasheet HTML 97Page - Texas Instruments PCI4450 Datasheet HTML 98Page - Texas Instruments PCI4450 Datasheet HTML 99Page - Texas Instruments PCI4450 Datasheet HTML 100Page - Texas Instruments PCI4450 Datasheet HTML 101Page - Texas Instruments PCI4450 Datasheet HTML 102Page - Texas Instruments PCI4450 Datasheet HTML 103Page - Texas Instruments PCI4450 Datasheet HTML 104Page - Texas Instruments PCI4450 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 197 page
background image
PCI4450 GFN/GJG
PC Card and OHCI Controller
SCPS046 – JANUARY 1999
101
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA memory window 0–4 offset-address high-byte register (15h/1Dh/25h/2Dh/35h)
Bit
7
6
5
4
3
2
1
0
Name
ExCA memory window 0–4 offset-address high-byte
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
ExCA memory window 0 offset-address high-byte
Offset:
CardBus Socket Address + 815h:
Card A ExCA Offset 15h
Card B ExCA Offset 55h
Register:
ExCA memory window 1 offset-address high-byte
Offset:
CardBus Socket Address + 81Dh:
Card A ExCA Offset 1Dh
Card B ExCA Offset 5Dh
Register:
ExCA memory window 2 offset-address high-byte
Offset:
CardBus Socket Address + 825h:
Card A ExCA Offset 25h
Card B ExCA Offset 65h
Register:
ExCA memory window 3 offset-address high-byte
Offset:
CardBus Socket Address + 82Dh:
Card A ExCA Offset 2Dh
Card B ExCA Offset 6Dh
Register:
ExCA memory window 4 offset-address high-byte
Offset:
CardBus Socket Address + 835h:
Card A ExCA Offset 35h
Card B ExCA Offset 75h
Type:
Read/Write
Default:
00h
Size:
One byte
Description: These registers contain the high 6 bits of the 16-bit memory window offset address for
memory windows 0, 1, 2, 3, and 4. The lower 6 bits of these registers correspond to bits
A25–A20 of the offset address. In addition, the write protection and common/attribute
memory configurations are set in this register.
Table 60. ExCA Memory Window 0–4 Offset-Address High-Byte Register Description
BIT
TYPE
FUNCTION
7
R/W
WINWP. Write protect. This bit specifies whether write operations to this memory window are enabled.
This bit is encoded as:
0 = Write operations are allowed (default)
1 = Write operations are not allowed
6
R/W
REG. This bit specifies whether this memory window is mapped to card attribute or common memory.
This bit is encoded as:
0 = Memory window is mapped to common memory (default)
1 = Memory window is mapped to attribute memory
5–0
R/W
OFFHB. Offset address high-byte. These bits represent the upper address bits A25–A20 of the memory window offset
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com