データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMM150PS27 データシート(PDF) 2 Page - XP Power Limited

部品番号 AMM150PS27
部品情報  AC-DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XPPOWER [XP Power Limited]
ホームページ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AMM150PS27 データシート(HTML) 2 Page - XP Power Limited

  AMM150PS27 Datasheet HTML 1Page - XP Power Limited AMM150PS27 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.23 (82.0)
8.17
(207.6)
Cable length approx 48” (1219 mm)
Power On Indicator
1.96
(49.7)
Rubber foot
(4 places.)
AC Input
1 3
4
2
IEC 320/C14 Inlet - For Class I Version
IEC 320/C18 Inlet - For Class II Version
AMM150
02-Dec-08
Models and Ratings
Notes
1. Ripple and noise measured at 20 MHz bandwidth with a 10 µF tantalum and 0.1 µF ceramic capacitor connected at the measurement point.
2. Total regulation includes set accuracy, line and load regulation.
3. For optional barrel jack connector, add suffix ‘B1’ to the model number e.g. AMM150PS24B1.
4. Efficiency given is the average of efficiencies measured with output loads of 25%, 50%, 75% and 100%. Models with output voltage of 15 V
and higher have 87% minimum.
5. For optional AC cable restraint on the Class I Version, add suffix ‘A’ to the model number e.g. AMM150PS24A or AMM150PS24B1A. AC mains
lead must be Interpower Corporation, part number: 70006020300. Optional AC cable restraint is not available on the Class II Version.
6. For Class II Versions, and ‘C2’ to model number, eg. AMM150PS24C2
1. Dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except output cable length.
2. Weight: 2.16 lbs (980 g).
3. Output connector is KYCON KPPX-4P. For mating half use KYCON KPJX-4S-S or equivalent.
4. For Class I versions shell is connected to ground. For Class II Versions shell is capacitively coupled to input.
Pin
Function
1
Return
2
Output+
3
Return
4
Output+
Notes
Output
Power
Output
Voltage
Output
Current
Total
Regulation
(2)
Model
Number(5,6)
132 W
12 V
11.00 A
5%
AMM150PS12
144 W
15 V
9.60 A
5%
AMM150PS15
150 W
19 V
7.90 A
5%
AMM150PS19
150 W
24 V
6.25 A
5%
AMM150PS24(3)
150 W
27 V
5.56 A
5%
AMM150PS27(3)
150 W
48 V
3.13 A
5%
AMM150PS48(3)
Optional Barrel Jack Connector
0.433 (11.0)
0.083 (2.1)
0.413
(10.5)
0.217
(5.5)
Mechanical Details


同様の部品番号 - AMM150PS27

メーカー部品番号データシート部品情報
logo
XP Power Limited
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM120PS15 XPPOWER-AMM120PS15 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM120PS18 XPPOWER-AMM120PS18 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM120PS19 XPPOWER-AMM120PS19 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM120PS20 XPPOWER-AMM120PS20 Datasheet
70Kb / 2P
AC-DC Power Supplies
More results

同様の説明 - AMM150PS27

メーカー部品番号データシート部品情報
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
AC/DC Power Supplies
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com