データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

508-501-21 データシート(PDF) 1 Page - Marl International Limited

部品番号 508-501-21
部品情報  PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARL [Marl International Limited]
ホームページ  http://www.leds.co.uk
Logo MARL - Marl International Limited

508-501-21 データシート(HTML) 1 Page - Marl International Limited

  508-501-21 Datasheet HTML 1Page - Marl International Limited 508-501-21 Datasheet HTML 2Page - Marl International Limited 508-501-21 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
PART NUMBER
COLOUR
LENS
VOLTAGE CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC (Vdc)
DC (mA)
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA (mcd) λp (nm)
Topr
Tstg
508-501-21
Red
Smoked
12
19
11000
643
-40 ~ +95^
-40 ~ +100
Yes
508-521-21
Yellow
Smoked
12
19
16000
591
-40 ~ +95^
-40 ~ +100
Yes
508-532-21
Green
Smoked
12
20
23000
527
-40 ~ +95^
-40 ~ +100
Yes
508-930-21
Blue
Smoked
12
20
7000
470
-40 ~ +95^
-40 ~ +100
Yes
508-997-21
Cool White
Smoked
12
20
14000
*see below -40 ~ +95^
-40 ~ +100
Yes
508-501-23
Red
Smoked
24-28
20
11000
643
-40 ~ +95^
-40 ~ +100
Yes
508-521-23
Yellow
Smoked
24-28
20
16000
591
-40 ~ +95^
-40 ~ +100
Yes
508-532-23
Green
Smoked
24-28
20
23000
527
-40 ~ +95^
-40 ~ +100
Yes
508-930-23
Blue
Smoked
24-28
20
7000
470
-40 ~ +95^
-40 ~ +100
Yes
508-997-23
Cool White
Smoked
24-28
20
14000
*see below -40 ~ +95^
-40 ~ +100
Yes
UNITS
Vdc
mA
mcd
nm
°C
°C
Bright nickel plated brass housing
Low profile styling
Sealed to IP67
Domed lens available
Suitable for high vibration applications
Internal reverse protection diode fitted as standard in all
voltage models.
PROFESSIONAL LED INDICATORS Ø8.1mm Mounting
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2008 : DS 005/08 Issue 1
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATION
HIGH INTENSITY
508 SERIES
PACK QUANTITY = 10 PIECES
Page 1 of 3
Other voltages AC/DC available. Please contact our Technical Sales.
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs.
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs
within a batch.
997F-C *Typical emission colour cool white
x
0.245 0.361
0.356
0.264
y
0.229 0.385
0.351
0.220
BS EN ISO 9001:2000
Approved Manufacturer


同様の部品番号 - 508-501-21

メーカー部品番号データシート部品情報
logo
Marl International Limi...
508-501-21 MARL-508-501-21 Datasheet
433Kb / 5P
횠8.1mm mounting Robust bright nickel plated brass housing
508-501-21 MARL-508-501-21 Datasheet
433Kb / 5P
industrial panel lamps
508-501-21 MARL-508-501-21 Datasheet
282Kb / 2P
PANEL INDICATOR LED
508-501-21-15 MARL-508-501-21-15 Datasheet
433Kb / 5P
횠8.1mm mounting Robust bright nickel plated brass housing
508-501-2112 MARL-508-501-2112_15 Datasheet
433Kb / 5P
Smoked lens
More results

同様の説明 - 508-501-21

メーカー部品番号データシート部品情報
logo
Marl International Limi...
503-501-21 MARL-503-501-21 Datasheet
269Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
534-501-63 MARL-534-501-63 Datasheet
247Kb / 2P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
614-530-04 MARL-614-530-04 Datasheet
155Kb / 2P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
614-535-04-35 MARL-614-535-04-35 Datasheet
238Kb / 2P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
643-503-04 MARL-643-503-04 Datasheet
345Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
677-501-21 MARL-677-501-21 Datasheet
292Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
698-501-63 MARL-698-501-63 Datasheet
246Kb / 2P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com