データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

514-105-21 データシート(PDF) 3 Page - Marl International Limited

部品番号 514-105-21
部品情報  PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARL [Marl International Limited]
ホームページ  http://www.leds.co.uk
Logo MARL - Marl International Limited

514-105-21 データシート(HTML) 3 Page - Marl International Limited

  514-105-21 Datasheet HTML 1Page - Marl International Limited 514-105-21 Datasheet HTML 2Page - Marl International Limited 514-105-21 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3 of 3
BS EN ISO 9001:2000
Approved Manufacturer
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
© MARL INTERNATIONAL LTD 2008 : DS 036/06 Issue 4
DERATING INFORMATION
ALSO AVAILABLE
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
514-102-22
Red
24 Vdc
514-102-25
Red
110 Vdc
514-102-72
Red
24 Vac
514-102-75
Red
110 Vac
514-102-76
Red
230 Vac
514-105-04
Red
20mA
514-105-22
Red
24 Vdc
514-105-25
Red
110 Vdc
514-105-55-15 Red
130 Vdc
514-105-72
Red
24 Vac
514-105-72-19 Red
24 Vac
514-105-75
Red
110 Vac
514-105-76
Red
230 Vac
514-105-76-15 Red
230 Vac
514-111-04
Yellow
20mA
514-111-22
Yellow
24 Vdc
514-111-72
Yellow
24 Vac
514-111-72-19 Yellow
24 Vac
514-111-75
Yellow
110 Vac
514-111-75-19 Yellow
110 Vac
514-111-76
Yellow
230 Vac
514-111-77
Yellow
125 Vac
514-114-04
Green
20mA
514-114-20
Green
5/6 Vdc
514-114-22
Green
24 Vdc
514-114-55-15 Green
130 Vdc
UNITS
PART NO.
COLOUR
VOLTAGE DC
(Vdc) Vopr
514-114-72
Green
24 Vac
514-114-75
Green
110 Vac
514-114-76
Green
230 Vac
514-501-04
Red
20mA
UNITS
SAMPLES AVAILABLE
102, 105, 111 & 114
Part numbers also available in the 514 Series:
The products listed above illustrate all of the options available to order. These products may have custom modifications that alter
their operation beyond the generic information contained within this datasheet. Please contact sales for further information.


同様の部品番号 - 514-105-21

メーカー部品番号データシート部品情報
logo
Marl International Limi...
514-105-21 MARL-514-105-21 Datasheet
373Kb / 4P
횠12.7mm mounting Robust bright nickel plated brass housing
514-105-21 MARL-514-105-21 Datasheet
373Kb / 4P
industrial panel lamps
514-105-21 MARL-514-105-21 Datasheet
373Kb / 4P
Suitable for high vibration applications
514-105-21 MARL-514-105-21_13 Datasheet
373Kb / 4P
Suitable for high vibration applications
514-105-21_1309 MARL-514-105-21_1309 Datasheet
373Kb / 4P
industrial panel lamps
More results

同様の説明 - 514-105-21

メーカー部品番号データシート部品情報
logo
Marl International Limi...
511-501-21 MARL-511-501-21 Datasheet
262Kb / 3P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
512-501-21 MARL-512-501-21 Datasheet
260Kb / 3P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
515-501-04 MARL-515-501-04 Datasheet
239Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
531-501-63 MARL-531-501-63 Datasheet
248Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
532-102-63 MARL-532-102-63 Datasheet
180Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
538-501-63 MARL-538-501-63 Datasheet
244Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
651-105-21 MARL-651-105-21 Datasheet
307Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
652-105-63 MARL-652-105-63 Datasheet
220Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
699-501-63 MARL-699-501-63 Datasheet
247Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com