データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

531-501-63 データシート(PDF) 2 Page - Marl International Limited

部品番号 531-501-63
部品情報  PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARL [Marl International Limited]
ホームページ  http://www.leds.co.uk
Logo MARL - Marl International Limited

531-501-63 データシート(HTML) 2 Page - Marl International Limited

  531-501-63 Datasheet HTML 1Page - Marl International Limited 531-501-63 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
531 Series
TECHNICAL CHARACTERISTICS
SERIES
MAXIMUM
PANEL
MOUNTING MINIMUM
MIN/MAX.
POWER
CUTOUT
TORQUE
MOUNTING
PANEL
DISSIPATION
CENTRES
THICKNESS
531
825
12.7
1.0
X,Y=26.0
2.0-10.0
mw
mm
Nm
mm
mm
Mounting hole to be clean and burr free
BS EN ISO 9001:2000
Approved Manufacturer
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 065/07 Issue 2
Page 2 of 2
Dimensions in mm (Typical)
Not to scale
Below 50Vac/dc
Above 50Vac/dc
MOUNTING HOLE
MATERIALS
PUSH-ON CONNECTORS
Body
Nickel plated brass to BS 2874 CZ121
Nut
Stainless Steel grade 303
Panel Seal
Viton
Termination
Copper with silver flash finish
Lock Washer
Zinc plated steel
Fresnel lens
Polycarbonate
Encapsulation
PC5430
Header
Nylon6 A82
925-000-00 is brass tin plated.
For use with 531 series lamps.
Dimensions in mm (Typical)
Not to scale
DERATING INFORMATION
501 & 521
532, 930 & 997


同様の部品番号 - 531-501-63

メーカー部品番号データシート部品情報
logo
Marl International Limi...
531-501-63 MARL-531-501-63 Datasheet
317Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
531-501-63 MARL-531-501-63 Datasheet
317Kb / 5P
industrial panel lamps
531-501-63 MARL-531-501-63 Datasheet
276Kb / 2P
PANEL INDICATOR LED
531-501-6312 MARL-531-501-6312_15 Datasheet
317Kb / 5P
Sealed to IP67
531-501-63_1312 MARL-531-501-63_1312 Datasheet
317Kb / 5P
industrial panel lamps
More results

同様の説明 - 531-501-63

メーカー部品番号データシート部品情報
logo
Marl International Limi...
511-501-21 MARL-511-501-21 Datasheet
262Kb / 3P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
512-501-21 MARL-512-501-21 Datasheet
260Kb / 3P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
514-105-21 MARL-514-105-21 Datasheet
305Kb / 3P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
515-501-04 MARL-515-501-04 Datasheet
239Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
532-102-63 MARL-532-102-63 Datasheet
180Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
538-501-63 MARL-538-501-63 Datasheet
244Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
651-105-21 MARL-651-105-21 Datasheet
307Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
652-105-63 MARL-652-105-63 Datasheet
220Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
699-501-63 MARL-699-501-63 Datasheet
247Kb / 2P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com