データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

643-503-04 データシート(PDF) 1 Page - Marl International Limited

部品番号 643-503-04
部品情報  PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARL [Marl International Limited]
ホームページ  http://www.leds.co.uk
Logo MARL - Marl International Limited

643-503-04 データシート(HTML) 1 Page - Marl International Limited

  643-503-04 Datasheet HTML 1Page - Marl International Limited 643-503-04 Datasheet HTML 2Page - Marl International Limited 643-503-04 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk • webstore: www.leds.co.uk
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
PART NUMBER
COLOUR
LENS
VOLTAGE CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
DC (Vdc)
DC (mA)
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA (mcd) λp (nm)
Topr
Tstg
643-503-04
Red
Colour Diffused 2.0
20
160
627
-40 ~ +85^
-40 ~ +85
Yes
643-509-04
Yellow
Colour Diffused 2.1
20
80
590
-40 ~ +85^
-40 ~ +85
Yes
643-512-04
Green
Colour Diffused 2.2
20
120
565
-40 ~ +85^
-40 ~ +85
Yes
643-501-04
Red
Colour Diffused 2.0
20
11000
643
-40 ~ +95^
-40 ~ +100
Yes
643-521-04
Yellow
Colour Diffused 2.1
20
16000
591
-40 ~ +95^
-40 ~ +100
Yes
643-532-04
Green
Colour Diffused 3.4
20
23000
527
-40 ~ +95^
-40 ~ +100
Yes
643-930-04
Blue
Colour Diffused 3.4
20
7000
470
-40 ~ +95^
-40 ~ +100
Yes
643-997-04
Cool White
Colour Diffused 3.4
20
14000
see below -40 ~ +95^
-40 ~ +100
Yes
UNITS
Vdc
mA
mcd
nm
°C
°C
Black anodised aluminium housing
Short body length is ideal for portable equipment
Wide viewing angle
Sealed to IP67
Suitable for high vibration applications
PROFESSIONAL LED INDICATORS Ø8.1mm Mounting
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2006 : DS 043/06 Issue 1
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATION
STANDARD INTENSITY
HIGH INTENSITY
643 SERIES
PACK QUANTITY = 10 PIECES
Page 1 of 3
Other voltages AC/DC available. Please contact our Technical Sales.
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs.
Appropriate LED numbers shown - Refer to page 3
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within a batch.
997F-C *Typical emission colour cool white
x
0.245 0.361 0.356 0.264
y
0.229 0.385 0.351 0.220


同様の部品番号 - 643-503-04

メーカー部品番号データシート部品情報
logo
Marl International Limi...
643-503-04 MARL-643-503-04 Datasheet
401Kb / 4P
횠8.1mm mounting Black anodised aluminium housing
643-503-04 MARL-643-503-04 Datasheet
401Kb / 4P
high performance panel lamps
643-503-0412 MARL-643-503-0412 Datasheet
401Kb / 4P
Colour diffused lens
643-503-0412 MARL-643-503-0412_15 Datasheet
401Kb / 4P
Colour diffused lens
643-503-04_1312 MARL-643-503-04_1312 Datasheet
401Kb / 4P
high performance panel lamps
More results

同様の説明 - 643-503-04

メーカー部品番号データシート部品情報
logo
Marl International Limi...
503-501-21 MARL-503-501-21 Datasheet
269Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
534-501-63 MARL-534-501-63 Datasheet
247Kb / 2P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
614-530-04 MARL-614-530-04 Datasheet
155Kb / 2P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
614-535-04-35 MARL-614-535-04-35 Datasheet
238Kb / 2P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
677-501-21 MARL-677-501-21 Datasheet
292Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
698-501-63 MARL-698-501-63 Datasheet
246Kb / 2P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com