データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

698-501-63 データシート(PDF) 1 Page - Marl International Limited

部品番号 698-501-63
部品情報  PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MARL [Marl International Limited]
ホームページ  http://www.leds.co.uk
Logo MARL - Marl International Limited

698-501-63 データシート(HTML) 1 Page - Marl International Limited

  698-501-63 Datasheet HTML 1Page - Marl International Limited 698-501-63 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
How to Order:
website: www.marl.co.uk • email: sales@marl.co.uk •
Telephone +44 (0)1229 582430 Fax: +44 (0)1229 585155
The information contained in this datasheet does not constitute part of any order or contract and should not be regarded as a representation
relating to either products or service. Marl International reserve the right to alter without notice the specification or any conditions of supply
for products or service.
Each product will operate over a wide voltage
input range
Black anodised aluminium housing
Full internal potting to resist shock and vibration
Sealed to IP67
True Bi-polar product for low voltage DC
applications
Other voltages including DC options available in
this range
PROFESSIONAL LED INDICATORS Ø8.1mm Mounting
SAMPLES AVAILABLE
© MARL INTERNATIONAL LTD 2007 : DS 063/07 Issue 2
Ordering Information & Typical Technical Characteristics (Ta = 25°C)
Mean Time Between Failure = 100,000 Hours. Luminous intensity figures refer to the unmodified discrete LED.
FEATURES
SPECIFICATIONS
698 SERIES
PACK QUANTITY = 10 PIECES
Page 1 of 2
^ = Products must be derated according to the derating information. Each derating graph refers to specific LEDs. Refer to page 3.
Intensities (lv) and colour shades of white (x,y co-ordinates) may vary between LEDs within
a batch.
997F-C *Typical emission colour cool white
x
0.245 0.361
0.356 0.264
y
0.229 0.385
0.351 0.220
PART NUMBER
COLOUR
LENS
VOLTAGE CURRENT
LUMINOUS
WAVE
OPERATING
STORAGE
AC/DC
DC (mA)
INTENSITY
LENGTH
TEMP
TEMP
Vopr
lopr
lv@20mA (mcd) λp (nm)
Topr
Tstg
698-501-63
Red
Smoked
12-28
6-16
11000
643
-40 ~ +95^
-40 ~ +100
Yes
698-521-63
Yellow
Smoked
12-28
6-16
16000
591
-40 ~ +95^
-40 ~ +100
Yes
698-532-63
Green
Smoked
12-28
6-16
23000
527
-40 ~ +95^
-40 ~ +100
Yes
698-930-63
Blue
Smoked
12-28
6-16
7000
470
-40 ~ +95^
-40 ~ +100
Yes
698-997-63
Cool White
Smoked
12-28
6-16
14000
*see below -40 ~ +95^
-40 ~ +100
Yes
698-501-75
Red
Smoked
110Vac
6
11000
643
-40 ~ +95^
-40 ~ +100
Yes
698-521-75
Yellow
Smoked
110Vac
6
16000
591
-40 ~ +95^
-40 ~ +100
Yes
698-532-75
Green
Smoked
110Vac
6
23000
527
-40 ~ +95^
-40 ~ +100
Yes
698-930-75
Blue
Smoked
110Vac
6
7000
470
-40 ~ +95^
-40 ~ +100
Yes
698-997-75
Cool White
Smoked
110Vac
6
14000
*see below -40 ~ +95^
-40 ~ +100
Yes
UNITS
Vac/Vdc mA
mcd
nm
°C
°C
HIGH INTENSITY


同様の部品番号 - 698-501-63

メーカー部品番号データシート部品情報
logo
Marl International Limi...
698-501-63 MARL-698-501-63 Datasheet
356Kb / 4P
횠8.1mm mounting Product will operate over a wide input voltage range
698-501-63 MARL-698-501-63 Datasheet
356Kb / 4P
high performance panel lamps
698-501-63 MARL-698-501-63 Datasheet
263Kb / 2P
PANEL INDICATOR LED
698-501-63 MARL-698-501-63_14 Datasheet
263Kb / 2P
PANEL INDICATOR LED
More results

同様の説明 - 698-501-63

メーカー部品番号データシート部品情報
logo
Marl International Limi...
614-530-04 MARL-614-530-04 Datasheet
155Kb / 2P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
507-501-21 MARL-507-501-21 Datasheet
266Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
508-501-21 MARL-508-501-21 Datasheet
275Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
524-501-21 MARL-524-501-21 Datasheet
277Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
614-535-04-35 MARL-614-535-04-35 Datasheet
238Kb / 2P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
643-503-04 MARL-643-503-04 Datasheet
345Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
503-501-21 MARL-503-501-21 Datasheet
269Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
534-501-63 MARL-534-501-63 Datasheet
247Kb / 2P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
677-501-21 MARL-677-501-21 Datasheet
292Kb / 3P
PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
692-501-21 MARL-692-501-21 Datasheet
309Kb / 3P
PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com