データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT4137TD-T3 データシート(PDF) 9 Page - ON Semiconductor

部品番号 CAT4137TD-T3
部品情報  CMOS Boost Converter - White LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4137TD-T3 データシート(HTML) 9 Page - ON Semiconductor

Back Button CAT4137TD-T3 Datasheet HTML 5Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 6Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 7Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 8Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 9Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 10Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 11Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 12Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CAT4137
© 2008 SCILLC. All rights reserved.
9
Doc. No. MD-5012 Rev. C
Characteristics subject to change without notice
APPLICATION INFORMATION
EXTERNAL COMPONENT SELECTION
Capacitors
The
CAT4137
only
requires
small
ceramic
capacitors of 1uF on the input and 0.22µF on the
output. The output capacitor should be rated at 30V
or greater. Under normal conditions, a 1µF input
capacitor is sufficient. For applications with higher
output power, a larger input capacitor of 2.2µF or
4.7µF may be appropriate. X5R and X7R capacitor
types are ideal due to their stability across
temperature range.
Inductor
A 22µH inductor is recommended for most of the
CAT4137
applications.
In
cases where
the
efficiency is critical, inductances with lower series
resistance are preferred. Several inductor types
from various vendors can be used. Figure 1 shows
how different inductor types affect the efficiency
across the load range.
60
70
80
90
100
5
1015
202530
LED CURRENT [mA]
SUMIDA CDRH3D16-220
MURATA LQH32CN220
PANASONIC ELJ-EA220
PANASONIC ELJ-PC220
3 LEDs
VIN = 3.6V
Figure 1. Efficiency for various inductors
Schottky Diode
The current rating of the Schottky diode must
exceed the peak current flowing through it. The
Schottky diode performance is rated in terms of its
forward voltage at a given current. In order to
achieve the best efficiency, this forward voltage
should be as low as possible. The response time is
also critical since the driver is operating at 1MHz.
Central
Semiconductor
Schottky
CMDSH2-3
(200mA rated) or the CMDSH-3 (100mA rated) is
recommended for most applications.
LED Current Setting
The LED current is set by the external resistor
between the feedback pin (FB) and ground. The
formula below gives the relationship between the
resistor and the current:
R1 = 0.3V/LED current
LED current (mA)
R1 (Ω)
5
60
10
30
15
20
20
15
25
12
30
10
Table 1. Resistor R1 and LED current


同様の部品番号 - CAT4137TD-T3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
179Kb / 16P
CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
170Kb / 15P
CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
More results

同様の説明 - CAT4137TD-T3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
CMOS White LED Driver Boost Converter
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
High Voltage CMOS Boost White LED Driver
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
CMOS White LED Driver Boost Converter
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
CMOS Boost Converter - White LED Driver
logo
Texas Instruments
CAT37 TI-CAT37_08 Datasheet
248Kb / 13P
CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com