データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT4137TD-T3 データシート(PDF) 2 Page - ON Semiconductor

部品番号 CAT4137TD-T3
部品情報  CMOS Boost Converter - White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4137TD-T3 データシート(HTML) 2 Page - ON Semiconductor

  CAT4137TD-T3 Datasheet HTML 1Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 2Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 3Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 4Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 5Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 6Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 7Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 8Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT4137
Doc. No. MD-5012 Rev. C
2
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, FB voltage
-0.3 to +7
V
SHDN
¯¯¯¯¯ voltage
-0.3 to +7
V
SW voltage
-0.3 to 40
V
Storage Temperature Range
-65 to +160
°C
Junction Temperature Range
-40 to +150
°C
Lead Temperature
300
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VIN
2.2 to 5.5
V
SW pin voltage
0 to 24
V
Ambient Temperature Range
-40 to +85
°C
LED Bias Current
1 to 30
mA
ELECTRICAL OPERATING CHARACTERISTICS
VIN = 3.6V, ambient temperature of 25ºC (over recommended operating conditions unless specified otherwise)
Symbol Parameter
Conditions
Min
Typ
Max
Unit
IQ
Operating Current
VFB = 0.3V
VFB = 0.4V (not switching)
0.4
0.1
1.5
0.3
mA
ISD
Shutdown Current
VSHDN
¯¯¯¯¯ = 0V
0.1
1
µA
VFB
FB Pin Voltage
3 LEDs with ILED=20mA
285
300
315
mV
IFB
FB pin input leakage
0.1
1
µA
ILED
Programmed LED Current
R1 = 10Ω
R1 = 15Ω
R1 = 20Ω
28.5
19
14.25
30
20
15
31.5
21
15.75
mA
VIH
VIL
SHDN
¯¯¯¯¯ Logic High
SHDN
¯¯¯¯¯ Logic Low
Enable Threshold Level
Shutdown Threshold Level
0.4
0.8
0.7
1.5
V
V
FSW
Switching Frequency
0.7
1
1.3
MHz
ILIM
Switch Current Limit
250
300
400
mA
RSW
Switch “On” Resistance
ISW = 100mA
1.0
2.0
ILEAK
Switch Leakage Current
Switch Off, VSW = 5V
1
5
µA
TSD
Thermal Shutdown
150
ºC
THYS
Thermal Hysteresis
20
ºC
η
Efficiency
Typical Application Circuit
86
%
VUVLO
Under-voltage lock out
(UVLO) threshold
1.9
V
VOV-SW
Output Clamp Voltage
“Open LED” fault
29
V


同様の部品番号 - CAT4137TD-T3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
179Kb / 16P
CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
170Kb / 15P
CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
More results

同様の説明 - CAT4137TD-T3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
CMOS White LED Driver Boost Converter
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
High Voltage CMOS Boost White LED Driver
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
CMOS White LED Driver Boost Converter
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
CMOS Boost Converter - White LED Driver
logo
Texas Instruments
CAT37 TI-CAT37_08 Datasheet
248Kb / 13P
CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com