データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT4137TD-T3 データシート(PDF) 3 Page - ON Semiconductor

部品番号 CAT4137TD-T3
部品情報  CMOS Boost Converter - White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT4137TD-T3 データシート(HTML) 3 Page - ON Semiconductor

  CAT4137TD-T3 Datasheet HTML 1Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 2Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 3Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 4Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 5Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 6Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 7Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 8Page - ON Semiconductor CAT4137TD-T3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CAT4137
© 2008 SCILLC. All rights reserved.
3
Doc. No. MD-5012 Rev. C
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, CIN = 1.0uF, COUT = 0.22µF, L = 22µH with 3 LEDs at 20mA, TAMB=25ºC, unless otherwise specified.
Quiescent Current vs. VIN (Not Switching)
0
20
40
60
80
100
120
2.5
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE [V]
VFB = 0.4V
Quiescent Current vs. VIN (Switching)
0.00
0.25
0.50
0.75
1.00
2.5
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE [V]
FB Pin Voltage vs. Supply Voltage
290
295
300
305
310
2.5
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE [V]
3 LEDs
FB Pin Voltage vs. Output Current
290
295
300
305
310
0
5
10
15
20
25
30
OUTPUT CURRENT [mA]
3 LEDs
Switching Frequency vs. Supply Voltage
0.90
0.95
1.00
1.05
1.10
2.5
3.0
3.5
4.0
4.5
INPUT VOLTAGE [V]
3 LEDs at 20mA
Switch ON Resistance vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE [V]


同様の部品番号 - CAT4137TD-T3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
179Kb / 16P
CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
170Kb / 15P
CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
More results

同様の説明 - CAT4137TD-T3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
CMOS White LED Driver Boost Converter
CAT4237 CATALYST-CAT4237 Datasheet
533Kb / 13P
High Voltage CMOS Boost White LED Driver
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
CMOS White LED Driver Boost Converter
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
CMOS Boost Converter - White LED Driver
logo
Texas Instruments
CAT37 TI-CAT37_08 Datasheet
248Kb / 13P
CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
CAT4137 ONSEMI-CAT4137 Datasheet
179Kb / 16P
CMOS Boost Converter - White LED Driver
February, 2010 ??Rev. 2
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4137 ONSEMI-CAT4137_11 Datasheet
170Kb / 15P
CMOS Boost Converter - White LED Driver
November, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com