データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM-IS01 データシート(PDF) 1 Page - Premier Magnetics, Inc.

部品番号 PM-IS01
部品情報  ISDN S INTERFACE ISOLATION TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PMI [Premier Magnetics, Inc.]
ホームページ  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-IS01 データシート(HTML) 1 Page - Premier Magnetics, Inc.

  PM-IS01 Datasheet HTML 1Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
27111 Aliso Creek Road, Suite 175
AlisoViejo,California92656
Phone:
(714)362-4211
Fax:
(714)362-4212
M
P Premier
Magnetics Inc.
Specifications subject to change without notice.
17
1
.558
(14.17)
MAX
.400
(10.16)
TYP
.025 DIA.
(.64)
.400
(10.16)
.020
(.51)
TY P
.120
(3.05)
MIN
.400
(10.16)
MAX
.558
(14.17)
MAX
.200
(5.08)
UNUSED PINS ARE OMITTED
2345
10
9876
ISDN S INTERFACE ISOLATION TRANSFORMERS
FEATURES
Ê Designed for Isolation between Line Card and Terminal
Í 2000Vrms Minimum Isolation
Ë Meets Pulse Waveform Template of CCITT 1.430
Î Industry Standard Packages
Ì Excellent Longitudinal Balance
Ï Single or Dual Core Package
PM-IS01
1:1
22
5
100
40
2.4
2.4
A
PM-IS02
1:1.8
22
15
100
140
2.4
4.2
B
PM-IS03
1:2
22
15
100
80
2.4
4.0
A
PM-IS04
1:2.5
22
30
100
150
2.4
5.8
B
PM-IS05
1:2.5
22
25
100
50
2.4
5.8
A
PM-IS06
1:2
22
12
100
150
2.4
5.0
A
PM-IS07
1:1
22
5
100
40
2.4
2.4
C
PM-IS08
1:1.8
22
15
100
140
2.4
4.2
C
PM-IS09
1:2
22
15
100
80
2.4
4.0
C
PM-IS10
1:2.5
22
30
100
150
2.4
5.8
C
PM-IS11
1:2.5
22
25
100
50
2.4
5.8
C
PM-IS12
1:2
22
12
100
150
2.4
5.0
C
PART
NUMBER
TURNS
RATIO
(±2%)
PRIMARY
OCL
(mH Min.)
SECONDARY
L
L
(µµµµµH Max.)
PRI-SEC
Cw/w
(pf Max.)
PRIMARY
C
P
(pf Max.)
PRIMARY
DCR
(Ohms Max.)
SECONDARY
DCR
(Ohms Max.)
Package
&
Schematic
ELECTRICAL SPECIFICATIONS AT 25OC PER CORE
DUAL CORE PACKAGE "C"
SINGLE CORE PACKAGE "A"
SINGLE CORE PACKAGE "B"
NOTE FOR PIN-OUT "B"
Primary:1 to 3
Secondary: 4 to 7
Center tap is 6 connect to 5
NOTE FOR PIN-OUT "C"
Primary:1 to 4 & 5 to 8
Secondary: 16 to 13 & 12 to 9
M
P PM-ISXX
YYWW
NOTES:
Unused Pins are ommitted
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRIMARY
PRIMARY
SECONDARY
SECONDARY
.920
(23.40)
MAX
.025
(0.64)
.100
(2.54)
.400
(10.16)
.560
(14.22)
MAX
.130
(3.30)
.400
(10.16)
MAX
DIA
.700
(17.78)
1
5
3
PRIMARY
SECONDARY
10
6
8
1
5
3
PRIMARY
SECONDARY
10
6
97


同様の部品番号 - PM-IS01

メーカー部品番号データシート部品情報
logo
Premier Magnetics, Inc.
PM-IS20 PMI-PM-IS20 Datasheet
63Kb / 4P
   T1/CEPT DUAL CORE SMD ISOLATION TRANSFORMERS
PM-IS21 PMI-PM-IS21 Datasheet
63Kb / 4P
   T1/CEPT DUAL CORE SMD ISOLATION TRANSFORMERS
PM-IS22 PMI-PM-IS22 Datasheet
63Kb / 4P
   T1/CEPT DUAL CORE SMD ISOLATION TRANSFORMERS
PM-IS23 PMI-PM-IS23 Datasheet
63Kb / 4P
   T1/CEPT DUAL CORE SMD ISOLATION TRANSFORMERS
PM-IS24 PMI-PM-IS24 Datasheet
63Kb / 4P
   T1/CEPT DUAL CORE SMD ISOLATION TRANSFORMERS
More results

同様の説明 - PM-IS01

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
PT234 BOURNS-PT234 Datasheet
148Kb / 1P
   ISDN S-Interface Isolation Transformers
PT231 BOURNS-PT231 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
logo
Premier Magnetics, Inc.
PM-IS42 PMI-PM-IS42 Datasheet
54Kb / 1P
   ISDN S SMD INTERFACE ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPA1155-6 PCA-EPA1155-6 Datasheet
48Kb / 1P
   ISDN ?쏶??Interface Isolation Transformers
EPA1155-17 PCA-EPA1155-17 Datasheet
44Kb / 1P
   ISDN ?쏶??Interface Isolation Transformers
EPA1155-1 PCA-EPA1155-1 Datasheet
44Kb / 1P
   ISDN ?쏶??Interface Isolation Transformers
logo
List of Unclassifed Man...
LT-S300C ETC1-LT-S300C Datasheet
34Kb / 1P
   ISDN S -Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1226 PCA-EPR1226 Datasheet
109Kb / 1P
   ISDN-S Interface Transformers
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550 Datasheet
38Kb / 1P
   ISDN S-Interface Transformers
logo
List of Unclassifed Man...
LT-S200C ETC1-LT-S200C Datasheet
35Kb / 1P
   ISDN S -Interface Transformers
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com