データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PM-IS42 データシート(PDF) 1 Page - Premier Magnetics, Inc.

部品番号 PM-IS42
部品情報  ISDN S SMD INTERFACE ISOLATION TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PMI [Premier Magnetics, Inc.]
ホームページ  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-IS42 データシート(HTML) 1 Page - Premier Magnetics, Inc.

  PM-IS42 Datasheet HTML 1Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
27111 Aliso Creek Road, Suite 175
AlisoViejo,California92656
Phone:
(714)362-4211
Fax:
(714)362-4212
M
P Premier
Magnetics Inc.
Specifications subject to change without notice.
18
123
4567
8
16
15
14
13
12
11
10
9
.390
(9.91)
MAX
.020 (.51)
.010 (.25)
.100
(2.54)
TYP
.020
(0.51)
TYP
.050
(1.27)
TYP
.950
(24.13)
MAX
PIN#1
DOT
FLAT
.050 (1.27)
.030 (0.76)
.580
(14.73)
.010
(0.25)
TYP
.720
(18.29)
MAX
ISDN S SMD INTERFACE ISOLATION TRANSFORMERS
FEATURES
Ê Designed for Isolation between Line Card and Terminal
Í2000Vrms Minimum Isolation
Ë Meets Pulse Waveform Template of CCITT 1.430
ÎIndustry Standard SMD Package
Ì Excellent Longitudinal Balance
ÏSingle or Dual Core Package
PM-IS42
1:1
1:2
22
5/15
100
40/80
2.4
2.4/4.0
A
PM-IS43
1:1
1:1
22
5
100
40
2.4
2.4
A
PM-IS44
1:1.8 1:1.8
22
15
100
140
2.4
4.2
A
PM-IS45
1:2
1:2
22
15
100
80
2.4
4.0
A
PM-IS46
1:2.5 1:2.5
22
30
100
110
2.4
5.8
A
PM-IS47
1:2
1:2
22
10
100
150
2.4
5.0
A
PART
NUMBER
TURNS
RATIO (± 2%)
A
B
PRIMARY
OCL
(mH Min.)
SECONDARY
L
L
(µµµµµH Max.)
PRI-SEC
Cw/w
(pf Max.)
PRIMARY
C
P
(pf Max.)
PRIMARY
DCR
(Ohms Max.)
SECONDARY
DCR
(Ohms Max.)
Package
&
Schematic
ELECTRICAL SPECIFICATIONS AT 25OC PER CORE
DUAL CORE PACKAGE "A"
NOTE:
Primary:1 to 4 & 5 to 8
Secondary: 16 to 13 & 12 to 9
M
P PM-IS4X
YYWW
LONGITUDINAL BALANCE: 10KHz - 300KHz: 60dB Minimum
RATIO IS EXPRESSED AS: PRIMARY : SECONDARY
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRIMARY
PRIMARY
SECONDARY
SECONDARY
CORE A
CORE B
PHYSICAL DIMENSIONS .... IN INCHES (mm)
RECOMMENDED PCB LAYOUT
DIMENSION IN INCHES, (mm)
16x.050 (1.27)
7x.100 (2.54)
16x.120 (3.05)
.520 (13.21)
1
16
9
8
.760 (19.30)
.700 (17.78)


同様の部品番号 - PM-IS42

メーカー部品番号データシート部品情報
logo
Premier Magnetics, Inc.
PM-IS01 PMI-PM-IS01 Datasheet
56Kb / 1P
ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS02 PMI-PM-IS02 Datasheet
56Kb / 1P
ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS03 PMI-PM-IS03 Datasheet
56Kb / 1P
ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS04 PMI-PM-IS04 Datasheet
56Kb / 1P
ISDN S INTERFACE ISOLATION TRANSFORMERS
PM-IS05 PMI-PM-IS05 Datasheet
56Kb / 1P
ISDN S INTERFACE ISOLATION TRANSFORMERS
More results

同様の説明 - PM-IS42

メーカー部品番号データシート部品情報
logo
Premier Magnetics, Inc.
PM-IS01 PMI-PM-IS01 Datasheet
56Kb / 1P
ISDN S INTERFACE ISOLATION TRANSFORMERS
logo
Bourns Electronic Solut...
PT234 BOURNS-PT234 Datasheet
148Kb / 1P
ISDN S-Interface Isolation Transformers
PT231 BOURNS-PT231 Datasheet
125Kb / 1P
ISDN S-Interface Isolation Transformers
logo
PCA ELECTRONICS INC.
EPA1155-6 PCA-EPA1155-6 Datasheet
48Kb / 1P
ISDN ?쏶??Interface Isolation Transformers
EPA1155-17 PCA-EPA1155-17 Datasheet
44Kb / 1P
ISDN ?쏶??Interface Isolation Transformers
EPA1155-1 PCA-EPA1155-1 Datasheet
44Kb / 1P
ISDN ?쏶??Interface Isolation Transformers
logo
List of Unclassifed Man...
LT-S300C ETC1-LT-S300C Datasheet
34Kb / 1P
ISDN S -Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1226 PCA-EPR1226 Datasheet
109Kb / 1P
ISDN-S Interface Transformers
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550 Datasheet
38Kb / 1P
ISDN S-Interface Transformers
logo
List of Unclassifed Man...
LT-S200C ETC1-LT-S200C Datasheet
35Kb / 1P
ISDN S -Interface Transformers
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com