データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EM6027U-C データシート(PDF) 1 Page - Soberton Inc.

部品番号 EM6027U-C
部品情報  Unidirectional Electret Condenser Microphone
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOBERTON [Soberton Inc.]
ホームページ  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

EM6027U-C データシート(HTML) 1 Page - Soberton Inc.

  EM6027U-C Datasheet HTML 1Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EM6027U-C
Unidirectional Electret Condenser Microphone
Sensitivity
0dB = 1V/Pa. 1KHz
Directivity
Unidirectional
Impedance
Low Impedance
Current Consumption
Max. 0.5mA
Standard Operation Voltage
2.0V
Sensitivity Reduction
Within -3dB at 1.5V
S/N Ratio
More than 55dB
Sensitivity Range
-51
±
4
d
B
,
-54
±
4
d
B
Typical Frequency Response Curve:
Schematic Diagram:
Angular Response:
Unit: mm
id26876836 pdfMachine by Broadgun Software - a great PDF writer! - a great PDF creator! - http://www.pdfmachine.com http://www.broadgun.com


同様の部品番号 - EM6027U-C

メーカー部品番号データシート部品情報
logo
Soberton Inc.
EM6027 SOBERTON-EM6027 Datasheet
811Kb / 1P
   Omnidirectional Electret Condenser Microphone
EM6027 SOBERTON-EM6027 Datasheet
811Kb / 1P
   Omnidirectional Electret Condenser Microphone
EM6027-BC SOBERTON-EM6027-BC Datasheet
174Kb / 1P
   Omnidirectional Back Electret Condenser Microphone
EM6027LW-42C SOBERTON-EM6027LW-42C Datasheet
472Kb / 6P
   Omni Directional Back Electret Condenser Microphone
EM6027N SOBERTON-EM6027N Datasheet
184Kb / 1P
   Noise Canceling Electret Condenser Microphone
More results

同様の説明 - EM6027U-C

メーカー部品番号データシート部品情報
logo
Soberton Inc.
EM9745U SOBERTON-EM9745U Datasheet
722Kb / 1P
   Unidirectional Electret Condenser Microphone
EM8050U SOBERTON-EM8050U Datasheet
174Kb / 1P
   Unidirectional Electret Condenser Microphone
EM9765U SOBERTON-EM9765U Datasheet
703Kb / 1P
   Unidirectional Electret Condenser Microphone
EM6050U SOBERTON-EM6050U Datasheet
177Kb / 1P
   Unidirectional Electret Condenser Microphone
EM9752U SOBERTON-EM9752U Datasheet
751Kb / 1P
   Unidirectional Electret Condenser Microphone
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4015-25T CUI-CMC-4015-25T Datasheet
480Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
   electret condenser microphone
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com