データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

42511 データシート(PDF) 8 Page - Extech Instruments Corporation.

部品番号 42511
部品情報  Dual Laser InfraRed (IR) Thermometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXTECH [Extech Instruments Corporation.]
ホームページ  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

42511 データシート(HTML) 8 Page - Extech Instruments Corporation.

Back Button 42511 Datasheet HTML 3Page - Extech Instruments Corporation. 42511 Datasheet HTML 4Page - Extech Instruments Corporation. 42511 Datasheet HTML 5Page - Extech Instruments Corporation. 42511 Datasheet HTML 6Page - Extech Instruments Corporation. 42511 Datasheet HTML 7Page - Extech Instruments Corporation. 42511 Datasheet HTML 8Page - Extech Instruments Corporation. 42511 Datasheet HTML 9Page - Extech Instruments Corporation. 42511 Datasheet HTML 10Page - Extech Instruments Corporation. 42511 Datasheet HTML 11Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
42511 V4.2 2/08
8
Emissivity Adjust
The adjustable emissivity feature allows the user to measure many surface colors, finishes,
and textures. A separate section is provided later in this guide that covers emissivity in
greater detail.
Test Lock feature
The Test Lock feature disables the Auto Power Off feature for the period of use when
selected. The feature is useful for long term temperature monitoring and hands free use.
The meter will revert to auto power off if the trigger is pressed during a locked scan.
High and Low Alarm Feature
The meter has a programmable high and low alarm feature. When either alarm point is
reached the meter will alert the user via an audible beep and a blinking LCD display icon.
The alarm limit is set and the feature is enabled/disabled using the MODE button. The
setting is stored and memory and will remain as the “turn-on” condition until changed.
Temperature Units
The temperature units can be set to °F or °C using the switch located in the battery
compartment.
Over-range Indication
If the temperature measurement exceeds the specified temperature range, the
thermometer will display dashes in place of a temperature reading.
Battery Replacement
When the low battery symbol
appears on the display, replace the
meter’s battery (9V). The battery compartment is located behind the
panel that surrounds the meter’s trigger. Open the compartment by
pulling the panel down from the trigger area. Replace the 9V battery
and close the battery compartment cover.


同様の部品番号 - 42511

メーカー部品番号データシート部品情報
logo
Tyco Electronics
42511-1 MACOM-42511-1 Datasheet
944Kb / 22P
   FASTON Receptacles
42511-2 MACOM-42511-2 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

同様の説明 - 42511

メーカー部品番号データシート部品情報
logo
Extech Instruments Corp...
42512 EXTECH-42512 Datasheet
213Kb / 10P
   Dual Laser InfraRed (IR) Thermometer
42509 EXTECH-42509 Datasheet
268Kb / 1P
   12inch distance Dual Laser InfraRed Thermometer
logo
Klein Tools, Inc.
IR5 KLEIN-IR5 Datasheet
2Mb / 2P
   12:1 Dual-Laser Infrared Thermometer
Rev. 03/16 A
logo
Extech Instruments Corp...
42529 EXTECH-42529 Datasheet
109Kb / 4P
   InfraRed Thermometer with Laser Pointer
42560 EXTECH-42560 Datasheet
253Kb / 12P
   InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
42515 EXTECH-42515 Datasheet
181Kb / 10P
   Wide Range InfraRed (IR) Thermometer with Type K input and Laser Pointer
RPM10 EXTECH-RPM10 Datasheet
176Kb / 8P
   Laser Photo / Contact Tachometer with IR Thermometer
42530 EXTECH-42530 Datasheet
138Kb / 4P
   High Temperature InfraRed Thermometer with Laser Pointer
logo
TT Electronics.
DS3103 TTELEC-DS3103 Datasheet
392Kb / 1P
   IR Thermometer
logo
Extech Instruments Corp...
42545A EXTECH-42545A Datasheet
161Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com