データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

42511 データシート(PDF) 9 Page - Extech Instruments Corporation.

部品番号 42511
部品情報  Dual Laser InfraRed (IR) Thermometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXTECH [Extech Instruments Corporation.]
ホームページ  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

42511 データシート(HTML) 9 Page - Extech Instruments Corporation.

Back Button 42511 Datasheet HTML 3Page - Extech Instruments Corporation. 42511 Datasheet HTML 4Page - Extech Instruments Corporation. 42511 Datasheet HTML 5Page - Extech Instruments Corporation. 42511 Datasheet HTML 6Page - Extech Instruments Corporation. 42511 Datasheet HTML 7Page - Extech Instruments Corporation. 42511 Datasheet HTML 8Page - Extech Instruments Corporation. 42511 Datasheet HTML 9Page - Extech Instruments Corporation. 42511 Datasheet HTML 10Page - Extech Instruments Corporation. 42511 Datasheet HTML 11Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
42511 V4.2 2/08
9
IR Measurement Notes
1. The object under test should be larger than the spot (target) size calculated by the field
of view diagram (printed on the side of the meter and in this guide).
2. Before measuring, be sure to clean surfaces that are covered with frost, oil, grime, etc.
3. If an object's surface is highly reflective, apply masking tape or flat black paint to the
surface before measuring. Allow time for the paint or tape to adjust to the temperature
of the surface it is covering.
4. Measurements through transparent surfaces such as glass may not be accurate.
5. Steam, dust, smoke, etc. can obscure measurements.
6. The meter automatically compensates for deviations in ambient temperature. However,
it can take up to 30 minutes for the meter to adjust to extremely wide changes.
7. To find a hot spot, aim the meter outside the area of interest then scan across (in an up
and down or side to side motion) until the hot spot is located.
Emissivity and IR Measurement Theory
IR Thermometers measure the surface temperature of an object. The thermometer’s optics
sense emitted, reflected, and transmitted energy. The thermometer’s electronics translate
the information into a temperature reading which is then displayed on the LCD.
The amount of IR energy emitted by an object is proportional to an object's temperature
and its ability to emit energy. This ability is known as emissivity and is based upon the
material of the object and its surface finish. Emissivity values range from 0.1 for a very
reflective object to 1.00 for a flat black finish. For the Model 42511, the emissivity is
adjustable from 0.1 to 1.00. Most organic materials and painted or oxidized surfaces have
an emissivity factor of 0.95. When in doubt, set the emissivity to 0.95.
Emissivity Factors for Common Materials
Material under test
Emissivity
Material under test
Emissivity
Asphalt
0.90 to 0.98
Cloth (black)
0.98
Concrete
0.94
Skin (human)
0.98
Cement
0.96
Leather
0.75 to 0.80
Sand
0.90
Charcoal (powder)
0.96
Soil
0.92 to 0.96
Lacquer
0.80 to 0.95
Water
0.92 to 0.96
Lacquer (matt)
0.97
Ice
0.96 to 0.98
Rubber (black)
0.94
Snow
0.83
Plastic
0.85 to 0.95
Glass
0.90 to 0.95
Timber
0.90
Ceramic
0.90 to 0.94
Paper
0.70 to 0.94
Marble
0.94
Chromium Oxides
0.81
Plaster
0.80 to 0.90
Copper Oxides
0.78
Mortar
0.89 to 0.91
Iron Oxides
0.78 to 0.82
Brick
0.93 to 0.96
Textiles
0.90


同様の部品番号 - 42511

メーカー部品番号データシート部品情報
logo
Tyco Electronics
42511-1 MACOM-42511-1 Datasheet
944Kb / 22P
   FASTON Receptacles
42511-2 MACOM-42511-2 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

同様の説明 - 42511

メーカー部品番号データシート部品情報
logo
Extech Instruments Corp...
42512 EXTECH-42512 Datasheet
213Kb / 10P
   Dual Laser InfraRed (IR) Thermometer
42509 EXTECH-42509 Datasheet
268Kb / 1P
   12inch distance Dual Laser InfraRed Thermometer
logo
Klein Tools, Inc.
IR5 KLEIN-IR5 Datasheet
2Mb / 2P
   12:1 Dual-Laser Infrared Thermometer
Rev. 03/16 A
logo
Extech Instruments Corp...
42529 EXTECH-42529 Datasheet
109Kb / 4P
   InfraRed Thermometer with Laser Pointer
42560 EXTECH-42560 Datasheet
253Kb / 12P
   InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
42515 EXTECH-42515 Datasheet
181Kb / 10P
   Wide Range InfraRed (IR) Thermometer with Type K input and Laser Pointer
RPM10 EXTECH-RPM10 Datasheet
176Kb / 8P
   Laser Photo / Contact Tachometer with IR Thermometer
42530 EXTECH-42530 Datasheet
138Kb / 4P
   High Temperature InfraRed Thermometer with Laser Pointer
logo
TT Electronics.
DS3103 TTELEC-DS3103 Datasheet
392Kb / 1P
   IR Thermometer
logo
Extech Instruments Corp...
42545A EXTECH-42545A Datasheet
161Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com