データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

42511 データシート(PDF) 10 Page - Extech Instruments Corporation.

部品番号 42511
部品情報  Dual Laser InfraRed (IR) Thermometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXTECH [Extech Instruments Corporation.]
ホームページ  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

42511 データシート(HTML) 10 Page - Extech Instruments Corporation.

Back Button 42511 Datasheet HTML 3Page - Extech Instruments Corporation. 42511 Datasheet HTML 4Page - Extech Instruments Corporation. 42511 Datasheet HTML 5Page - Extech Instruments Corporation. 42511 Datasheet HTML 6Page - Extech Instruments Corporation. 42511 Datasheet HTML 7Page - Extech Instruments Corporation. 42511 Datasheet HTML 8Page - Extech Instruments Corporation. 42511 Datasheet HTML 9Page - Extech Instruments Corporation. 42511 Datasheet HTML 10Page - Extech Instruments Corporation. 42511 Datasheet HTML 11Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
42511 V4.2 2/08
10
Specifications
Range
-58 to 1100
oF (-50 to 600oC)
Resolution
0.1
o < 1000 o, 1o > 1000 o
Accuracy
-58°F to 28°F (-50°C to -2°C)
±9°F/4°C
28°F to 200°F (-2°C to 94°C)
±4.5°F/2.5°C
200°F to 400°F (94°C to 204°C)
±(1.0%rdg + 2°F/1°C)
400°F to 800°F (204°C to 426°C)
±(1.5%rdg + 2°F/1°C)
800°F to 1100°F (426°C to 600°C)
±(4%rdg +2°F/1°C)
Note: Accuracy is specified for the following ambient temperature
range: 73 to 77°F (23 to 25°C)
Emissivity
0.10 to 1.00 adjustable
Field of View
D/S = Approx. 12:1 ratio (D = distance; S = spot or target)
Laser pointer
Dual, Class 2 laser < 1mW power; Wavelength is 630 to 670nm
IR Spectral response 8 to 14
µm (wavelength)
Repeatability
± 0.5% of reading or ± 1.8
oF (1oC) whichever is greater
General Specifications
Display
Backlit LCD display with function indicators
Response time
150ms
Over range indication
“---------“
Operating Temperature
32
oF to 122oF (0oC to 50oC)
Operating Humidity
10% to 90%RH operating, <80%RH storage.
Storage Temperature
14 to 140
oF (-10 to 60oC)
Power Supply
9V battery
Automatic Power Off
7 seconds, with LOCK to disable
Weight
5.7 oz. (163g)
Dimensions
5.7 x 4 x 1.6” (146 x 104 x 43mm)


同様の部品番号 - 42511

メーカー部品番号データシート部品情報
logo
Tyco Electronics
42511-1 MACOM-42511-1 Datasheet
944Kb / 22P
   FASTON Receptacles
42511-2 MACOM-42511-2 Datasheet
944Kb / 22P
   FASTON Receptacles
More results

同様の説明 - 42511

メーカー部品番号データシート部品情報
logo
Extech Instruments Corp...
42512 EXTECH-42512 Datasheet
213Kb / 10P
   Dual Laser InfraRed (IR) Thermometer
42509 EXTECH-42509 Datasheet
268Kb / 1P
   12inch distance Dual Laser InfraRed Thermometer
logo
Klein Tools, Inc.
IR5 KLEIN-IR5 Datasheet
2Mb / 2P
   12:1 Dual-Laser Infrared Thermometer
Rev. 03/16 A
logo
Extech Instruments Corp...
42529 EXTECH-42529 Datasheet
109Kb / 4P
   InfraRed Thermometer with Laser Pointer
42560 EXTECH-42560 Datasheet
253Kb / 12P
   InfraRed (IR) Thermometer with Wireless Datalogger, Type K input & Laser Pointer
42515 EXTECH-42515 Datasheet
181Kb / 10P
   Wide Range InfraRed (IR) Thermometer with Type K input and Laser Pointer
RPM10 EXTECH-RPM10 Datasheet
176Kb / 8P
   Laser Photo / Contact Tachometer with IR Thermometer
42530 EXTECH-42530 Datasheet
138Kb / 4P
   High Temperature InfraRed Thermometer with Laser Pointer
logo
TT Electronics.
DS3103 TTELEC-DS3103 Datasheet
392Kb / 1P
   IR Thermometer
logo
Extech Instruments Corp...
42545A EXTECH-42545A Datasheet
161Kb / 8P
   High Temperature InfraRed Thermometer with Laser Pointer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com