| データシートサーチシステム |
|
STM32W108CB データシート(PDF) 153 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB データシート(HTML) 153 Page - STMicroelectronics |
|
153 / 179 page ![]() STM32W108CB, STM32W108HB Interrupts Doc ID 16252 Rev 2 153/179 10.3.6 Top-level missed interrupts register (INT_MISS) Address: 0x4000 A820 Reset value: 0x0000 0000 10.3.7 Auxiliary fault status register (SCS_AFSR) Address offset: 0x0D3C Reset value: 0x0000 0000 [2] INT_MGMT: Management interrupt active. [1] INT_TIM2: Timer 2 interrupt active. [0] INT_TIM1: Timer 1 interrupt active. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 INT_M ISSIR QD INT_M ISSIR QC INT_M ISSIR QB INT_M ISSIR QA INT_M ISSAD C INT_M ISSMA CRX INT_MI SSMA CTX INT_MI SSMA CTMR INT_MI SSSE C INT_MI SSSC2 INT_MI SSSC1 INT_M ISSSL EEP INT_MI SSBB INT_MI SSMG MT rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw [15] INT_MISSIRQD: IRQD interrupt missed. [14] INT_MISSIRQC: IRQC interrupt missed. [13] INT_MISSIRQB: IRQB interrupt missed. [12] INT_MISSIRQA: IRQA interrupt missed. [11] INT_MISSADC: ADC interrupt missed. [10] INT_MISSMACRX: MAC receive interrupt missed. [9] INT_MISSMACTX: MAC transmit interrupt missed. [8] INT_MISSMACTMR: MAC Timer interrupt missed. [7] INT_MISSSEC: Security interrupt missed. [6] INT_MISSSC2: Serial controller 2 interrupt missed. [5] INT_MISSSC1: Serial controller 1 interrupt missed. [4] INT_MISSSLEEP: Sleep timer interrupt missed. [3] INT_MISSBB: Baseband interrupt missed. [2] INT_MISSMGMT: Management interrupt missed. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw |