データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

254-12.0M-18-50NS データシート(PDF) 2 Page - Oscilent Corporation

部品番号 254-12.0M-18-50NS
部品情報  SMD Quartz Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSCILENT [Oscilent Corporation]
ホームページ  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

254-12.0M-18-50NS データシート(HTML) 2 Page - Oscilent Corporation

  254-12.0M-18-50NS Datasheet HTML 1Page - Oscilent Corporation 254-12.0M-18-50NS Datasheet HTML 2Page - Oscilent Corporation 254-12.0M-18-50NS Datasheet HTML 3Page - Oscilent Corporation 254-12.0M-18-50NS Datasheet HTML 4Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
.
.
Series Layout
Dim. L
252
Fig. A
4.0mm
253
Fig. B
254
Fig. A
5.0mm
255
Fig. B
PART NUMBER GUIDE
Series
Number
Frequency
Load
Capacitance
Tolerance @ +25oC
Tolerance Over
Temp ( oC )
Operating
Temp ( oC )
Packaging**
252
- 12.0M
- 18
- 50
N
W
- TR
HC-49SM
252:L=4.0 (A)
253:L=4.0 (B)
254:L=5.0 (A)
255:L=5.0 (B)
See table below
for standard freq.
and enter here
e.g. 2.048M for
2.048 MHz OR
enter any desire
frequency.
Enter desired
capacitance here.
See table below
for standard load
capacitance e.g. -
20 for 20pF or
Enter SR for
Series.
Blank * = ±30 PPM
15 =
±15 PPM
50 =
±50 PPM
Blank* = ±50 PPM
G =
±30 PPM
N=
±100 PPM
S =
-20~+70
W =
-40~+85
Blank* = Bulk
TR = Tape/Reel
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: "Blank" part number selections indicate standard variables for that particular characteristic.
**PACKAGING: Click on the packaging name above for tape/reel specifications
STANDARD FREQUENCIES / LOAD CAPACITANCE - FOR GUIDE ONLY/ OTHER FREQ./LOADS
AVAILABLE
FREQUENCY
(MHz)
LOAD (pF)
Series
12
13
16
17
18
20
30
3.579545
Std.
-
-
-
Std.
-
-
-
3.6864
Std.
-
-
-
-
-
Std.
-
4.000
Std.
-
-
-
-
-
Std.
-
Page 2 of 4
Oscilent Corporation | 252 - 255


同様の部品番号 - 254-12.0M-18-50NS

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
254-MB562 ETC2-254-MB562 Datasheet
101Kb / 1P
   Magnetic Transducer
More results

同様の説明 - 254-12.0M-18-50NS

メーカー部品番号データシート部品情報
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com