| データシートサーチシステム |
|
PCIMX515CJM6C データシート(PDF) 148 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PCIMX515CJM6C データシート(HTML) 148 Page - Freescale Semiconductor, Inc |
|
148 / 184 page ![]() i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1 148 Freescale Semiconductor Preliminary—Subject to Change Without Notice Package Information and Contact Assignments EIM_DA10 AC13 NVCC_EMI GPIO Input Keeper EIM_DA11 AE12 NVCC_EMI GPIO Input Keeper EIM_DA12 AE13 NVCC_EMI GPIO Input Keeper EIM_DA13 AD12 NVCC_EMI GPIO Input Keeper EIM_DA14 AC12 NVCC_EMI GPIO Input Keeper EIM_DA15 AD11 NVCC_EMI GPIO Input Keeper EIM_DA2 AC15 NVCC_EMI GPIO Input Keeper EIM_DA3 AB16 NVCC_EMI GPIO Input Keeper EIM_DA4 AE16 NVCC_EMI GPIO Input Keeper EIM_DA5 Y18 NVCC_EMI GPIO Input Keeper EIM_DA6 AB15 NVCC_EMI GPIO Input Keeper EIM_DA7 AC14 NVCC_EMI GPIO Input Keeper EIM_DA8 AB14 NVCC_EMI GPIO Input Keeper EIM_DA9 AD13 NVCC_EMI GPIO Input Keeper EIM_DTACK AC5 NVCC_EMI GPIO Input 100 k Ω pull-up EIM_EB0 AD14 NVCC_EMI GPIO Output High EIM_EB1 AE14 NVCC_EMI GPIO Output High EIM_EB2 AB13 NVCC_EMI GPIO Input Keeper EIM_EB3 AC11 NVCC_EMI GPIO Input Keeper EIM_LBA AB5 NVCC_EMI GPIO Output High EIM_OE Y14 NVCC_EMI GPIO Output High EIM_RW Y15 NVCC_EMI GPIO Output High EIM_SDBA0 P4 NVCC_EMI_DRAM DDR2 Output High EIM_SDBA1 L4 NVCC_EMI_DRAM DDR2 Output High EIM_SDBA2 K6 NVCC_EMI_DRAM DDR2 Output High EIM_SDODT0 L2 NVCC_EMI_DRAM DDR2 Output High EIM_SDODT1 L3 NVCC_EMI_DRAM DDR2 Output High EIM_WAIT AB6 NVCC_EMI GPIO Input 100 k Ω pull-up EXTAL AD23 NVCC_OSC Analog Input – FASTR_ANA AE22 NVCC_PER3 – Input – FASTR_DIG AC21 NVCC_PER3 – Input – GPANAIO K22 NVCC_USBPHY Analog Output – Table 111. 13 × 13 mm Signal Assignments, Power Rails, and I/O (continued) Contact Name Contact Assignment Power Rail I/O Buffer Type Direction after Reset1 Configuraton after Reset1 |