データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

62783 データシート(PDF) 3 Page - Unisonic Technologies

部品番号 62783
部品情報  8CH HIGH−VOLTAGE SOURCE DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

62783 データシート(HTML) 3 Page - Unisonic Technologies

  62783 Datasheet HTML 1Page - Unisonic Technologies 62783 Datasheet HTML 2Page - Unisonic Technologies 62783 Datasheet HTML 3Page - Unisonic Technologies 62783 Datasheet HTML 4Page - Unisonic Technologies 62783 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
62783
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R113-009.a
ABSOLUTE MAXIMUM RATING (Ta = 25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
50
V
Input Voltage
VIN
15
V
Clamp Diode Reverse Voltage
VR
50
V
Output Current
IOUT
-500
mA/ch
Clamp Diode Forward Current
IF
500
mA
Power Dissipation
960
mW
Derated Above 25°C
PD
7.7
mW/°C
Operating Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (Ta = -40 ~ +80°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Supply Voltage
VCC
50
V
Duty=10%
-180 mA/ch
Output Current
IOUT
Ta=85°C, TJ=120°C, TP=25ms
Duty=50%
-38 mA/ch
Input Voltage
VIN
12
V
Output On
VIN(ON)
2.0
5.0
15
V
Input Voltage
Output Off
VIN(OFF)
0
0.8
V
Clamp Diode Reverse Voltage
VR
35
V
Clamp Diode Forward Current
IF
400
mA
Power Dissipation
PD
350
mW
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN TYP MAX UNIT
Output Leakage Current
ICEX
1
VCC= VCC( MAX), VIN= 0.4V
100
μA
VIN= VIN(ON), IOUT= -350mA
2.0
V
VIN= VIN(ON), IOUT= -225mA
1.9
V
Output Saturation Voltage
VCE(SAT)
2
VIN= VIN(ON), IOUT= -100mA
1.8
V
VIN= 2.4V
36
52
μA
Input Current
IIN(ON)
3
VIN= 3.85V
180
260
μA
Supply Current
ICC(ON)
3
VIN= VIN(ON), VCC= 50 V
2.5 mA/ch
VIN(ON)
VCE= 2.0V
2.0
V
Input Voltage
VIN(OFF)
4
IOUT= -500 µA
0.8
V
Clamp Diode Reverse Current
IR
5
VR= 50V
50
μA
Clamp Diode Forward Voltage
VF
6
IF= 350mA
2.0
V
Turn-On Delay
tON
0.15
μs
Turn-Off Delay
tOFF
7
VCC= VCC(MAX), RL= 125Ω
CL= 15pF, RL= 88Ω
1.8
μs


同様の部品番号 - 62783

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
62783 UTC-62783 Datasheet
222Kb / 5P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783 UTC-62783 Datasheet
211Kb / 7P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783G-D18-T UTC-62783G-D18-T Datasheet
222Kb / 5P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783G-D18-T UTC-62783G-D18-T Datasheet
271Kb / 7P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783G-D18-T UTC-62783G-D18-T Datasheet
211Kb / 7P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
More results

同様の説明 - 62783

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62781AP TOSHIBA-TD62781AP Datasheet
228Kb / 6P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783 TOSHIBA-TD62783 Datasheet
272Kb / 8P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783784AP TOSHIBA-TD62783784AP Datasheet
206Kb / 9P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783AP TOSHIBA-TD62783AP Datasheet
277Kb / 8P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783APA TOSHIBA-TD62783APA Datasheet
203Kb / 6P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62786AP TOSHIBA-TD62786AP Datasheet
262Kb / 7P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62781AP TOSHIBA-TD62781AP_06 Datasheet
496Kb / 10P
8CH HIGH−VOLTAGE SOURCE DRIVER
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
TD62783APG TOSHIBA-TD62783APG_06 Datasheet
270Kb / 11P
8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Unisonic Technologies
62784 UTC-62784 Datasheet
173Kb / 5P
8CH HIGH−VOLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com