データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

62784 データシート(PDF) 4 Page - Unisonic Technologies

部品番号 62784
部品情報  8CH HIGH−VOLTAGE SOURCE DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

62784 データシート(HTML) 4 Page - Unisonic Technologies

  62784 Datasheet HTML 1Page - Unisonic Technologies 62784 Datasheet HTML 2Page - Unisonic Technologies 62784 Datasheet HTML 3Page - Unisonic Technologies 62784 Datasheet HTML 4Page - Unisonic Technologies 62784 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
62784
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R113-010.a
TEST CIRCUITS
1. ICEX
2. VCE(SAT)
VIN
ICEX
VCC
VIN
IOUT
VCC
VCE(sat)
3. IIN(ON), ICC
4. VIN(ON) , VIN(OFF)
5. IR
6. VF
VF
IF
OPEN
7. tON, tOFF
INPUT
OUTPUT
50%
50%
50%
50%
50µs
tON
tOFF
VOL
VOH
0
VIH
Notes: 1. Pulse width 50 µs, duty cycle 10% Output impedance 50 Ω, tr ≤ 5ns, tf ≤ 10ns
2. CL includes probe and jig capacitance
PRECAUTIONS FOR USING
This circuit does not integrate protection circuits such as over-current and overvoltage protectors.
Thus, the IC may be damaged if excess current or voltage is occurred to the IC. Make sure the IC design is fine
so that excess current or voltage will not be applied to the IC.
You must take extreme care to the design of the output line, VCC and GND line because IC may be destroyed
under the condition of short-circuit between outputs, air contamination fault, or fault by improper grounding.


同様の部品番号 - 62784

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
62784G-S18-R UTC-62784G-S18-R Datasheet
197Kb / 5P
   8CH HIGH?뭋OLTAGE SOURCE DRIVER
62784 UTC-62784_15 Datasheet
197Kb / 5P
   8CH HIGH?뭋OLTAGE SOURCE DRIVER
More results

同様の説明 - 62784

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62781AP TOSHIBA-TD62781AP_06 Datasheet
496Kb / 10P
   8CH HIGH−VOLTAGE SOURCE DRIVER
TD62783APG TOSHIBA-TD62783APG_06 Datasheet
270Kb / 11P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Unisonic Technologies
62783 UTC-62783 Datasheet
173Kb / 5P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Toshiba Semiconductor
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
TD62783AP TOSHIBA-TD62783AP Datasheet
277Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62781AP TOSHIBA-TD62781AP Datasheet
228Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62786AP TOSHIBA-TD62786AP Datasheet
262Kb / 7P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783 TOSHIBA-TD62783 Datasheet
272Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783784AP TOSHIBA-TD62783784AP Datasheet
206Kb / 9P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783APA TOSHIBA-TD62783APA Datasheet
203Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com