データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

62784 データシート(PDF) 1 Page - Unisonic Technologies

部品番号 62784
部品情報  8CH HIGH−VOLTAGE SOURCE DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

62784 データシート(HTML) 1 Page - Unisonic Technologies

  62784 Datasheet HTML 1Page - Unisonic Technologies 62784 Datasheet HTML 2Page - Unisonic Technologies 62784 Datasheet HTML 3Page - Unisonic Technologies 62784 Datasheet HTML 4Page - Unisonic Technologies 62784 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
62784
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R113-010.a
8CH HIGH−VOLTAGE SOURCE
DRIVER
DESCRIPTION
The UTC 62784 consists of eight source current transistor array
combination and it is suitable for fluorescent display applications.
The UTC 62784 is ideal for uses, such as relay, hammer and lamp
drivers.
FEATURES
* High output voltage: VCC = 50V (MIN.)
* Output current (single output):-500mA (MIN.)
* Output clamp diodes and single supply voltage
* Input compatible with kinds of types of logic
* 6~15V PMOS, CMOS
* Halogen Free
SOP-18
ORDERING INFORMATION
Ordering Number
Package
Packing
62784G-S18-R
SOP-18
Tape Reel


同様の部品番号 - 62784

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
62784G-S18-R UTC-62784G-S18-R Datasheet
197Kb / 5P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
62784 UTC-62784_15 Datasheet
197Kb / 5P
8CH HIGH?뭋OLTAGE SOURCE DRIVER
More results

同様の説明 - 62784

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TD62781AP TOSHIBA-TD62781AP_06 Datasheet
496Kb / 10P
8CH HIGH−VOLTAGE SOURCE DRIVER
TD62783APG TOSHIBA-TD62783APG_06 Datasheet
270Kb / 11P
8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Unisonic Technologies
62783 UTC-62783 Datasheet
173Kb / 5P
8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Toshiba Semiconductor
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
TD62783AP TOSHIBA-TD62783AP Datasheet
277Kb / 8P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62781AP TOSHIBA-TD62781AP Datasheet
228Kb / 6P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62786AP TOSHIBA-TD62786AP Datasheet
262Kb / 7P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783 TOSHIBA-TD62783 Datasheet
272Kb / 8P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783784AP TOSHIBA-TD62783784AP Datasheet
206Kb / 9P
8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783APA TOSHIBA-TD62783APA Datasheet
203Kb / 6P
8CH HIGH-VOLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com