データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K2501G データシート(PDF) 2 Page - Littelfuse

部品番号 K2501G
部品情報  Teccor brand Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2501G データシート(HTML) 2 Page - Littelfuse

  K2501G Datasheet HTML 1Page - Littelfuse K2501G Datasheet HTML 2Page - Littelfuse K2501G Datasheet HTML 3Page - Littelfuse K2501G Datasheet HTML 4Page - Littelfuse K2501G Datasheet HTML 5Page - Littelfuse K2501G Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
332
Revised: August 29, 2008
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Multipulse™ SIDACs
Kxxx1G Series
Figure 1: Characteristics
-V
+I
V
DRM
+V
V
S
I
S
I
H
R
S
I
DRM
I
BO
V
BO
V
T
I
T
(V
BO - VS)
(I
S - IBO)
R
S
=
-I
RMS On-State Current (Amps)
2.0
1.5
1.0
0
50
60
70
80
90
100
110
120
130
RMS On-State Current (Amps)
1.5
1.0
0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Figure 3: Power Dissipation (Typical)
vs. On-State Current
Figure 2: Maximum Allowable Lead/Tab Temperature
vs. On-State Current
Junction Temperature (°C)
-40
-25
-10
5
20
355065
80
95
110
125
-10.0
-5.0
0.0
5.0
10.0
Figure 4: V
BO Change
vs. Junction Temperature
1
10
100
1000
1
10
100
1000
5KHz
1KHz
60 Hz
f = 5Hz
Pulse Base Width (t
O)-μs
T
J=125˚C
I
TM
t
O
1/f
di/dt limit
Figure 5: Pulse On-State
Current Rating
Figure 6: Maximum Allowable Ambient Temperature
vs. On-State Current
25
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
RMS On-State Current [I
T(RMS)]-Amps
CURRENT WAVEFORM: Sinusoidal - 60Hz
LOAD: Resistive or Inductive
FREE AIR RATING


同様の部品番号 - K2501G

メーカー部品番号データシート部品情報
logo
Littelfuse
K2501G LITTELFUSE-K2501G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
K2501G LITTELFUSE-K2501G Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
logo
Galaxy Semi-Conductor H...
K2501G BILIN-K2501G Datasheet
322Kb / 5P
   SIDAC
logo
Shanghai Shunye Electro...
K2501G SY-K2501G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
logo
Littelfuse
K2501GL LITTELFUSE-K2501GL Datasheet
794Kb / 6P
   Standard Bidirectional SIDACs
More results

同様の説明 - K2501G

メーカー部品番号データシート部品情報
logo
Littelfuse
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
   Teccor brand Thyristors Teccor brand Thyristors
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
   Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
   Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
   Teccor brand Thyristors
S6S2RP LITTELFUSE-S6S2RP Datasheet
293Kb / 10P
   Teccor brand Thyristors
K2500SRP LITTELFUSE-K2500SRP Datasheet
431Kb / 12P
   Teccor brand Thyristors
S2065KTP LITTELFUSE-S2065KTP Datasheet
207Kb / 8P
   Teccor brand Thyristors
S4040XQX LITTELFUSE-S4040XQX Datasheet
920Kb / 8P
   Teccor brand Thyristors
Q6025K6TP LITTELFUSE-Q6025K6TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
S402ES LITTELFUSE-S402ES Datasheet
224Kb / 8P
   Teccor brand Thyristors
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com