データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K2501G データシート(PDF) 4 Page - Littelfuse

部品番号 K2501G
部品情報  Teccor brand Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2501G データシート(HTML) 4 Page - Littelfuse

  K2501G Datasheet HTML 1Page - Littelfuse K2501G Datasheet HTML 2Page - Littelfuse K2501G Datasheet HTML 3Page - Littelfuse K2501G Datasheet HTML 4Page - Littelfuse K2501G Datasheet HTML 5Page - Littelfuse K2501G Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
334
Revised: August 29, 2008
©2008 Littelfuse, Inc.
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Multipulse™ SIDACs
Kxxx1G Series
Soldering Parameters
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp)
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
Note: With proper component selection, this circuit will produce three pulses for ignition of
metal halide lamp that requires a minimum of three pulses at 4kV magnitude and >1uSec
duration each at a minimum repetition rate of 3.3kHz.
Ballast
Kxxx1G
220 V / 240 V
50 / 60 Hz
Metal
Halide
Lamp
H.V.
Step-up
Transformer
0.1- 0.15 μF
0.22- 0.33μF
5 - 6μH
5.6K- 8.2K
5W
Figure 10:Typical Metal Halide Ignitor Circuit
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do


同様の部品番号 - K2501G

メーカー部品番号データシート部品情報
logo
Littelfuse
K2501G LITTELFUSE-K2501G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
K2501G LITTELFUSE-K2501G Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
logo
Galaxy Semi-Conductor H...
K2501G BILIN-K2501G Datasheet
322Kb / 5P
   SIDAC
logo
Shanghai Shunye Electro...
K2501G SY-K2501G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
logo
Littelfuse
K2501GL LITTELFUSE-K2501GL Datasheet
794Kb / 6P
   Standard Bidirectional SIDACs
More results

同様の説明 - K2501G

メーカー部品番号データシート部品情報
logo
Littelfuse
L0109MTRP LITTELFUSE-L0109MTRP Datasheet
1Mb / 8P
   Teccor brand Thyristors Teccor brand Thyristors
S2055WTP LITTELFUSE-S2055WTP Datasheet
236Kb / 9P
   Teccor brand Thyristors
LX8 LITTELFUSE-LX8 Datasheet
257Kb / 8P
   Teccor brand Thyristors
S4065KTP LITTELFUSE-S4065KTP Datasheet
245Kb / 8P
   Teccor brand Thyristors
S6S2RP LITTELFUSE-S6S2RP Datasheet
293Kb / 10P
   Teccor brand Thyristors
K2500SRP LITTELFUSE-K2500SRP Datasheet
431Kb / 12P
   Teccor brand Thyristors
S2065KTP LITTELFUSE-S2065KTP Datasheet
207Kb / 8P
   Teccor brand Thyristors
S4040XQX LITTELFUSE-S4040XQX Datasheet
920Kb / 8P
   Teccor brand Thyristors
Q6025K6TP LITTELFUSE-Q6025K6TP Datasheet
278Kb / 11P
   Teccor brand Thyristors
S402ES LITTELFUSE-S402ES Datasheet
224Kb / 8P
   Teccor brand Thyristors
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com