| データシートサーチシステム |
|
ATmega165 データシート(PDF) 111 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega165 データシート(HTML) 111 Page - ATMEL Corporation |
|
111 / 336 page ![]() 111 ATmega165/V 2573G–AVR–07/09 Timer/Counter Timing Diagrams The Timer/Counter is a synchronous design and the timer clock (clk T1) is therefore shown as a clock enable signal in the following figures. The figures include information on when Interrupt Flags are set, and when the OCR1x Register is updated with the OCR1x buffer value (only for modes utilizing double buffering). Figure 49 shows a timing diagram for the setting of OCF1x. Figure 49. Timer/Counter Timing Diagram, Setting of OCF1x, no Prescaling Figure 50 shows the same timing data, but with the prescaler enabled. Figure 50. Timer/Counter Timing Diagram, Setting of OCF1x, with Prescaler (f clk_I/O/8) Figure 51 shows the count sequence close to TOP in various modes. When using phase and frequency correct PWM mode the OCR1x Register is updated at BOTTOM. The timing diagrams will be the same, but TOP should be replaced by BOTTOM, TOP-1 by BOTTOM+1 and so on. The same renaming applies for modes that set the TOV1 Flag at BOTTOM. clk Tn (clk I/O/1) OCFnx clk I/O OCRnx TCNTn OCRnx Value OCRnx - 1 OCRnx OCRnx + 1 OCRnx + 2 OCFnx OCRnx TCNTn OCRnx Value OCRnx - 1 OCRnx OCRnx + 1 OCRnx + 2 clk I/O clk Tn (clk I/O/8) |