| データシートサーチシステム |
|
ATmega324P データシート(PDF) 239 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega324P データシート(HTML) 239 Page - ATMEL Corporation |
|
239 / 377 page ![]() 239 7674F–AVR–09/09 ATmega164P/324P/644P The TWAMR can be loaded with a 7-bit Slave Address mask. Each of the bits in TWAMR can mask (disable) the corresponding address bit in the TWI Address Register (TWAR). If the mask bit is set to one then the address match logic ignores the compare between the incoming address bit and the corresponding bit in TWAR. Figure 19-22 shows the address match logic in detail. Figure 19-22. TWI Address Match Logic, Block Diagram • Bit 0 – Res: Reserved Bit This bit is reserved and will always read as zero. Address Match Address Bit Comparator 0 Address Bit Comparator 6..1 TWAR0 TWAMR0 Address Bit 0 |