| データシートサーチシステム |
|
ATtiny45 データシート(PDF) 147 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny45 データシート(HTML) 147 Page - ATMEL Corporation |
|
147 / 196 page ![]() 147 7598H–AVR–07/09 ATtiny25/45/85 Table 21-16. High-voltage Serial Programming Instruction Set for ATtiny25/45/85 Instruction Instruction Format Operation Remarks Instr.1/5 Instr.2/6 Instr.3 Instr.4 Chip Erase SDI SII SDO 0_1000_0000_00 0_0100_1100_00 x_xxxx_xxxx_xx 0_0000_0000_00 0_0110_0100_00 x_xxxx_xxxx_xx 0_0000_0000_00 0_0110_1100_00 x_xxxx_xxxx_xx Wait after Instr.3 until SDO goes high for the Chip Erase cycle to finish. Load “Write Flash” Command SDI SII SDO 0_0001_0000_00 0_0100_1100_00 x_xxxx_xxxx_xx Enter Flash Programming code. Load Flash Page Buffer SDI SII SDO 0_ bbbb_bbbb _00 0_0000_1100_00 x_xxxx_xxxx_xx 0_eeee_eeee_00 0_0010_1100_00 x_xxxx_xxxx_xx 0_dddd_dddd_00 0_0011_1100_00 x_xxxx_xxxx_xx 0_0000_0000_00 0_0111_1101_00 x_xxxx_xxxx_xx Repeat after Instr. 1 - 5 until the entire page buffer is filled or until all data within the page is filled. See Note 1. SDI SII SDO 0_0000_0000_00 0_0111_1100_00 x_xxxx_xxxx_xx Instr 5. Load Flash High Address and Program Page SDI SII SDO 0_0000_000a_00 0_0001_1100_00 x_xxxx_xxxx_xx 0_0000_0000_00 0_0110_0100_00 x_xxxx_xxxx_xx 0_0000_0000_00 0_0110_1100_00 x_xxxx_xxxx_xx Wait after Instr 3 until SDO goes high. Repeat Instr. 2 - 3 for each loaded Flash Page until the entire Flash or all data is programmed. Repeat Instr. 1 for a new 256 byte page. See Note 1. Load “Read Flash” Command SDI SII SDO 0_0000_0010_00 0_0100_1100_00 x_xxxx_xxxx_xx Enter Flash Read mode. Read Flash Low and High Bytes SDI SII SDO 0_bbbb_bbbb_00 0_0000_1100_00 x_xxxx_xxxx_xx 0_0000_000a_00 0_0001_1100_00 x_xxxx_xxxx_xx 0_0000_0000_00 0_0110_1000_00 x_xxxx_xxxx_xx 0_0000_0000_00 0_0110_1100_00 q_qqqq_qqqx_xx Repeat Instr. 1, 3 - 6 for each new address. Repeat Instr. 2 for a new 256 byte page. SDI SII SDO 0_0000_0000_00 0_0111_1000_00 x_xxxx_xxxx_xx 0_0000_0000_00 0_0111_1100_00 p_pppp_pppx_xx Instr 5 - 6. Load “Write EEPROM” Command SDI SII SDO 0_0001_0001_00 0_0100_1100_00 x_xxxx_xxxx_xx Enter EEPROM Programming mode. Load EEPROM Page Buffer SDI SII SDO 0_00bb_bbbb_00 0_0000_1100_00 x_xxxx_xxxx_xx 0_eeee_eeee_00 0_0010_1100_00 x_xxxx_xxxx_xx 0_0000_0000_00 0_0110_1101_00 x_xxxx_xxxx_xx 0_0000_0000_00 0_0110_1100_00 x_xxxx_xxxx_xx Repeat Instr. 1 - 4 until the entire page buffer is filled or until all data within the page is filled. See Note 2. Program EEPROM Page SDI SII SDO 0_0000_0000_00 0_0110_0100_00 x_xxxx_xxxx_xx 0_0000_0000_00 0_0110_1100_00 x_xxxx_xxxx_xx Wait after Instr. 2 until SDO goes high. Repeat Instr. 1 - 2 for each loaded EEPROM page until the entire EEPROM or all data is programmed. Write EEPROM Byte SDI SII SDO 0_00bb_bbbb_00 0_0000_1100_00 x_xxxx_xxxx_xx 0_eeee_eeee_00 0_0010_1100_00 x_xxxx_xxxx_xx 0_0000_0000_00 0_0110_1101_00 x_xxxx_xxxx_xx 0_0000_0000_00 0_0110_0100_00 x_xxxx_xxxx_xx Repeat Instr. 1 - 5 for each new address. Wait after Instr. 5 until SDO goes high. See Note 3. SDI SII SDO 0_0000_0000_00 0_0110_1100_00 x_xxxx_xxxx_xx Instr. 5 Load “Read EEPROM” Command SDI SII SDO 0_0000_0011_00 0_0100_1100_00 x_xxxx_xxxx_xx Enter EEPROM Read mode. |