| データシートサーチシステム |
|
ATtiny261-ESSZ データシート(PDF) 114 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATtiny261-ESSZ データシート(HTML) 114 Page - ATMEL Corporation |
|
114 / 227 page ![]() 114 7753C–AVR–07/09 ATtiny261/ATtiny461/ATtiny861 The following code examples show how to do an atomic write of the TCNT1 register contents. Writing any of the OCR1A/B/C/D registers can be done by using the same principle. Note: 1. The example code assumes that the part specific header file is included. For I/O registers located in extended I/O map, “IN”, “OUT”, “SBIS”, “SBIC”, “CBI”, and “SBI” instructions must be replaced with instructions that allow access to extended I/O. Typically “LDS” and “STS” combined with “SBRS”, “SBRC”, “SBR”, and “CBR”. The assembly code example requires that the r17:r16 register pair contains the value to be writ- ten to TCNT1. 16.10.1 Reusing the temporary high byte register If writing to more than one 10-bit register where the high byte is the same for all registers written, then the high byte only needs to be written once. However, note that the same rule of atomic operation described previously also applies in this case. Assembly Code Example TIM1_WriteTCNT 1: ; Save global interrupt flag in r18,SREG ; Disable interrupts cli ; Set TCNT 1 to r17:r16 out TC 1H,r17 out TCNT 1,r16 ; Restore global interrupt flag out SREG,r18 ret C Code Example void TIM1_WriteTCNT1( unsigned int i ) { unsigned char sreg; unsigned int i; /* Save global interrupt flag */ sreg = SREG; /* Disable interrupts */ _CLI(); /* Set TCNT1 to i */ TC1H = (i >> 8); TCNT1 = (unsigned char)i; /* Restore global interrupt flag */ SREG = sreg; } |