データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATtiny84 データシート(PDF) 214 Page - ATMEL Corporation

部品番号 ATtiny84
部品情報  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny84 データシート(HTML) 214 Page - ATMEL Corporation

Back Button ATtiny84 Datasheet HTML 210Page - ATMEL Corporation ATtiny84 Datasheet HTML 211Page - ATMEL Corporation ATtiny84 Datasheet HTML 212Page - ATMEL Corporation ATtiny84 Datasheet HTML 213Page - ATMEL Corporation ATtiny84 Datasheet HTML 214Page - ATMEL Corporation ATtiny84 Datasheet HTML 215Page - ATMEL Corporation ATtiny84 Datasheet HTML 216Page - ATMEL Corporation ATtiny84 Datasheet HTML 217Page - ATMEL Corporation ATtiny84 Datasheet HTML 218Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 236 page
background image
214
8006H–AVR–10/09
ATtiny24/44/84
Note:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses
should never be written.
2. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these
registers, the value of single bits can be checked by using the SBIS and SBIC instructions.
3. Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike most other AVRs, the CBI and SBI
instructions will only operation the specified bit, and can therefore be used on registers containing such Status Flags. The
CBI and SBI instructions work with registers 0x00 to 0x1F only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More