| データシートサーチシステム |
|
ATmega48PA データシート(PDF) 296 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega48PA データシート(HTML) 296 Page - ATMEL Corporation |
|
296 / 448 page ![]() 296 8161D–AVR–10/09 ATmega48PA/88PA/168PA/328P Note: 1. The default value of BOOTSZ[1:0] results in maximum Boot Size. See ”Pin Name Mapping” on page 300. Note: 1. See Table 28-4 on page 318 for BODLEVEL Fuse decoding. Table 27-5. Extended Fuse Byte for ATmega88PA/168PA Extended Fuse Byte Bit No Description Default Value –7 – 1 –6 – 1 –5 – 1 –4 – 1 –3 – 1 BOOTSZ1 2 Select Boot Size (see Table 26-7 on page 289 and Table 26-10 on page 290 for details) 0 (programmed)(1) BOOTSZ0 1 Select Boot Size (see Table 26-7 on page 289 and Table 26-10 on page 290 for details) 0 (programmed)(1) BOOTRST 0 Select Reset Vector 1 (unprogrammed) Table 27-6. Extended Fuse Byte for ATmega328P Extended Fuse Byte Bit No Description Default Value –7 – 1 –6 – 1 –5 – 1 –4 – 1 –3 – 1 BODLEVEL2(1) 2 Brown-out Detector trigger level 1 (unprogrammed) BODLEVEL1(1) 1 Brown-out Detector trigger level 1 (unprogrammed) BODLEVEL0(1) 0 Brown-out Detector trigger level 1 (unprogrammed) Table 27-7. Fuse High Byte for ATmega48PA/88PA/168PA High Fuse Byte Bit No Description Default Value RSTDISBL(1) 7 External Reset Disable 1 (unprogrammed) DWEN 6 debugWIRE Enable 1 (unprogrammed) SPIEN(2) 5 Enable Serial Program and Data Downloading 0 (programmed, SPI programming enabled) |