データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD-9063 データシート(PDF) 1 Page - Bothhand USA, LP.

部品番号 AD-9063
部品情報  ADSL CPE SIDE SPLITTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

AD-9063 データシート(HTML) 1 Page - Bothhand USA, LP.

  AD-9063 Datasheet HTML 1Page - Bothhand USA, LP. AD-9063 Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADSL CPE SIDE SPLITTER
P/N: AD-9063 DATA SHEET
BOTHHAND
USA
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Feature
!
For applications where both data and voice are transmitted
over the same copper pair.
!
Compact package, includes RJ-11 connectors for ease of
Installation.
!
Will pass only voice band signals while attenuating the higher
ADSL data frequency.
!
Meets ANSI T1.413 & ITU G.992.1 (G.dmt) requirements.
!
Operating Temperature: -10℃ to+60.℃.
!
Storage Temperature: -25
to +75
..
Electrical Speciofications @ 25
PARAMETER
FREQUENCY
MIN.
NOM.
MAX.
UNITS
Insertion Loss
100Ωline Side
100ΩPhone Side
30KHz – 1.1MHz
-0.25
30 KHz
-18
100 KHz – 300 KHz
-30
Insertion Loss
600Ωline Side
600ΩPhone Side
300 KHz -1.1MHz
-40
CUTOFF FREQUENCY
12KHz
3
300 Hz – 2000 Hz
-15
2000Hz – 3400Hz
-12
Return Loss
Referenced (TN12) impedance
3400 Hz –10000 Hz
-8
dB
Total DC Resistance
100
Schematic


同様の部品番号 - AD-9063

メーカー部品番号データシート部品情報
logo
Axiomtek Co., Ltd.
AD-903 AXIOMTEK-AD-903 Datasheet
209Kb / 1P
Flexible, low cost and high performance
AD-904 AXIOMTEK-AD-904 Datasheet
266Kb / 1P
Flexible, low cost and high performance
AD-905 AXIOMTEK-AD-905 Datasheet
268Kb / 1P
Flexible, low cost and high performance
AD-907 AXIOMTEK-AD-907 Datasheet
226Kb / 1P
Flexible, low cost and high performance
More results

同様の説明 - AD-9063

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
AD-320UK BOTHHAND-AD-320UK Datasheet
100Kb / 1P
ADSL CPE SIDE SPLITTER
AD-8039J BOTHHAND-AD-8039J Datasheet
343Kb / 9P
ADSL CPE SIDE SPLITTER
AD-8039 BOTHHAND-AD-8039 Datasheet
114Kb / 2P
ADSL CPE SIDE SPLITTER
AD-8039E BOTHHAND-AD-8039E Datasheet
115Kb / 2P
ADSL CPE SIDE SPLITTER
AD-2039C BOTHHAND-AD-2039C Datasheet
118Kb / 5P
ADSL CPE SIDE SPLITTER
AD-6001A BOTHHAND-AD-6001A Datasheet
249Kb / 1P
ADSL CPE SIDE SPLITTER
AD-6001B BOTHHAND-AD-6001B Datasheet
252Kb / 1P
ADSL CPE SIDE SPLITTER
AD-6001 BOTHHAND-AD-6001 Datasheet
250Kb / 1P
ADSL CPE SIDE SPLITTER
AD-6003 BOTHHAND-AD-6003 Datasheet
261Kb / 1P
ADSL CPE SIDE SPLITTER
AD-8039F BOTHHAND-AD-8039F Datasheet
396Kb / 1P
ADSL CPE SIDE SPLITTER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com