データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FB2022BLF データシート(PDF) 1 Page - Bothhand USA, LP.

部品番号 FB2022BLF
部品情報  10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

FB2022BLF データシート(HTML) 1 Page - Bothhand USA, LP.

  FB2022BLF Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N:FB2022B LF APPLY TO GENERIC IC
Feature
l
IEEE 802.3 and IEEE 802.5 compatible.
l
Designed to meet AMD AM79C98,AT & T T7220 & NS
DP83922 chip sets requirements.
l
Integrated filter and isolation transformers in single 16 PIN
DIP package .
l
Low insertion loss characteristics.
l
Cost effective designs.
l
Comply with RoHS requirements-whole part No Cd, No Hg,
No Cr6+, No PBB and PBDE and No Pb on external pins.
l
Operating temperature range :0℃ to +70℃.
l
Storage temperature range: -25℃ to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
Part
Number
TX
RX
CUT-OFF Frequency
HI-POT
(Vrms)
FB2022B LF
1CT:1CT
1CT:1CT
17MHz±1.5MHz
1500
Continue
Insertion Loss
TX/RX(dB Max)
Return Loss
TX/RX(dB Min)
Attenuation
TX/RX(dB Min)
Cross talk
Attenuation
(dB Min)
Part
Number
1-10MHz
1-12MHz
20MHz
25MHz
30MHz
40MHz
1-10MHz
FB2022B LF
-1.0
-14/-14
-7/-6
-19/-14
-28/-20
-32/-31
-30
Schematic
Mechanica
l
Bothhandusa.com
10 BASE-T LOW PASS FILTER TRANSMITTER
& RECEIVER WITH COMMON CHOKES
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


同様の部品番号 - FB2022BLF

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
FB2022B BOTHHAND-FB2022B Datasheet
42Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2022B-3 BOTHHAND-FB2022B-3 Datasheet
43Kb / 1P
10 BASE-T LOW PASS FILTER
More results

同様の説明 - FB2022BLF

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
FB2021 BOTHHAND-FB2021 Datasheet
40Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2028A BOTHHAND-FB2028A Datasheet
253Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2022B BOTHHAND-FB2022B Datasheet
42Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2028C BOTHHAND-FB2028C Datasheet
252Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
PFS2028 BOTHHAND-PFS2028 Datasheet
266Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FS2028 BOTHHAND-FS2028_1 Datasheet
178Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
logo
List of Unclassifed Man...
FS2028 ETC-FS2028 Datasheet
55Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
logo
Bothhand USA, LP.
FS2028MLF BOTHHAND-FS2028MLF Datasheet
253Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FB2028 BOTHHAND-FB2028 Datasheet
42Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
FS2028 BOTHHAND-FS2028 Datasheet
61Kb / 1P
10 BASE-T LOW PASS FILTER TRANSMITTER & RECEIVER WITH COMMON CHOKES
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com