データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S5793 データシート(PDF) 1 Page - Bothhand USA, LP.

部品番号 S5793
部品情報  ISDN S-INTERFACE ISOLATION TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

S5793 データシート(HTML) 1 Page - Bothhand USA, LP.

  S5793 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Prepared :Qingli Wu
Approved: Xu Wenbing
Date : 2001/07/16
Drawing no.: ISDN Transformer
REV.: A4
Page : 1/ 1
ISDN S-INTERFACE ISOLATION TRANSFORMER
P/N:S5793 DATA SHEET
A. General Specifications :
1. Surface mount , Dual
2. 2KVrms isolation voltage
3. Reel tape or tube packaging
4. Excellent longitudinal balance.
B. Electrical Specifications@25°C
1. Turns Ratio(±2%) : 1:1 (Coil A & Coil B)
2. OCL Inductance : 22mH Min @10KHz/0.2Vrms (Coil A & Coil B)
3. L.Lsec : 5 ìH Max (Coil A & Coil B)
4. CW/W : 100 pF Max@100KHz/0.2Vrms(Coil A & Coil B)
5. CD Pri :42 pF Max (Coil A & Coil B)
6. DCR Pri(Ω±25%): 2.4 (Coil A & Coil B)
7. DCR Sec(Ω±25%): 2.4 (Coil A & Coil B)
8. Δidc(E): 1.0 mA Max
C. Schematics & Mechanical :
Bothhandusa.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


同様の部品番号 - S5793

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
S5795 BOTHHAND-S5795 Datasheet
30Kb / 1P
   ISDN S-INTERFACE ISOLATION TRANSFORMER
S5795 BOTHHAND-S5795 Datasheet
828Kb / 1P
   ISDN S-INTERFACE LOW PROFILE DUAL SMT TRANSFORMER
S5795 BOTHHAND-S5795_1 Datasheet
828Kb / 1P
   ISDN S-INTERFACE LOW PROFILE DUAL SMT TRANSFORMER
S5798 BOTHHAND-S5798 Datasheet
30Kb / 1P
   ISDN S-INTERFACE ISOLATION TRANSFORMER
S5798 BOTHHAND-S5798 Datasheet
235Kb / 1P
   ISDN S-INTERFACE ISOLATION TRANSFORMER
More results

同様の説明 - S5793

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
S5798B BOTHHAND-S5798B Datasheet
30Kb / 1P
   ISDN S-INTERFACE ISOLATION TRANSFORMER
S5795 BOTHHAND-S5795 Datasheet
30Kb / 1P
   ISDN S-INTERFACE ISOLATION TRANSFORMER
S5798 BOTHHAND-S5798 Datasheet
30Kb / 1P
   ISDN S-INTERFACE ISOLATION TRANSFORMER
BH-S5798 BOTHHAND-BH-S5798 Datasheet
53Kb / 1P
   ISDN S-INTERFACE ISOLATION TRANSFORMER
S5798B BOTHHAND-S5798B_1 Datasheet
235Kb / 1P
   ISDN S-INTERFACE ISOLATION TRANSFORMER
logo
Bourns Electronic Solut...
PT731 BOURNS-PT731 Datasheet
125Kb / 1P
   ISDN S Interface Isolation Transformer
logo
Bothhand USA, LP.
S5798 BOTHHAND-S5798_1 Datasheet
235Kb / 1P
   ISDN S-INTERFACE ISOLATION TRANSFORMER
logo
Premier Magnetics, Inc.
PM-IS01 PMI-PM-IS01 Datasheet
56Kb / 1P
   ISDN S INTERFACE ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPR1205G PCA-EPR1205G Datasheet
25Kb / 1P
   ISDN S-Interface Transformer
logo
Rhombus Industries Inc.
T-13400 RHOMBUS-IND-T-13400 Datasheet
20Kb / 1P
   ISDN S Interface Transformer
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com