データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP15CT データシート(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

部品番号 MP15CT
部品情報  15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
ホームページ  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

MP15CT データシート(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  MP15CT Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. MP15CT Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MP15,25,35 CT SERIES
15/25/35 AMPS.
SILICON BRIDGE RECTIFIERS
15/25/35 AMPS.
SILICON BRIDGE RECTIFIERS
FEATURES
Rating to 1000V PRV
400 Amperes surge capability
High efficiency
Weight:0.7 ounce 20 grams
For maximum heat dissipation
Mounting: thru hole for #8 screw
Case:Molded plastic isolated with heatsink interally
Electrically Isolated base 1800 Volt
CHENG- YI
CHENG- YI
ELECTRONIC
VOLTAGE RANGE
50 TO 1000 VOLTS PRV
CURRENT
15.25.35. Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
0
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Average Forward
0
T
Output Current @
=55 C
C
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
V(AV)
IFSM
V
F
TJ
TSTG
IR
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load
(JEDEC Mehtod)
Maximum Forward Voltage
per Bridge element
0
T
@
=25 C
A
0
T
@
=100 C
A
UNITS
50
100
200
400
600
800
1000
V
V
V
A
A
2
A S
0C
0C/W
0C
A
A
V
35
70
140
280
420
560
700
50
100
200
400
5
200
-55 to +125
-55 to +150
15
25
35
250
300
400
1.1
600
800
1000
2
I t Rating for fusing (t<8.3ms)
Typical Thermal Resistance(Note.1)
2
It
RJC
374/664
2.0
MP12
MP25
MP35
MP15
MP25
MP35
MP15
MP25
MP35
7.5A
12.5A
17.5A
at IF
Maximum DC Reverse Current at Rated DC
Blocking Voltage per
Bridge element
MP 15/25/35
MP005
MP01
MP02
MP04
MP06
MP08
MP10
2
2
NOTE: 1.Mounted on a 11.8in X 0.06 in thick (300mm X 1.5mm thick ) Copper plate.
2.Fast Recovery, Controlled avalanche bridges are available. Please consuit with factory.
7.8 0.3mm
0.31
0.28


同様の部品番号 - MP15CT

メーカー部品番号データシート部品情報
logo
CHENG-YI ELECTRONIC CO....
MP15CW CHENG-YI-MP15CW Datasheet
130Kb / 2P
   15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
More results

同様の説明 - MP15CT

メーカー部品番号データシート部品情報
logo
CHENG-YI ELECTRONIC CO....
MP15S CHENG-YI-MP15S Datasheet
159Kb / 2P
   15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP15 CHENG-YI-MP15 Datasheet
156Kb / 2P
   15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP15CW CHENG-YI-MP15CW Datasheet
130Kb / 2P
   15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
BR-L10A YANGJIE-BR-L10A Datasheet
257Kb / 2P
   SINGLE PHASE 10/15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
SB25 TSC-SB25 Datasheet
71Kb / 2P
   High Current 15 25 35 AMPS Single Phase Bridge Rectifiers
SB15 TSC-SB15 Datasheet
71Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Bridge Rectifiers
logo
Yangzhou yangjie electr...
KBPC-BR15 YANGJIE-KBPC-BR15 Datasheet
923Kb / 2P
   SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
KBPC15 YANGJIE-KBPC15 Datasheet
923Kb / 2P
   SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
SB1505G TSC-SB1505G Datasheet
70Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC15 TSC-GBPC15 Datasheet
103Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com